Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 413 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 413 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 409Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 410Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 411Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 412Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 413Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 414Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 415Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 416Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 417Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 413 / 1350 page
background image
Chapter 9 Inter-Integrated Circuit (IICV2) Block Description
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
413
9.5
Resets
The reset state of each individual bit is listed in Section 9.3, “Memory Map and Register Definition,” which
details the registers and their bit-fields.
9.6
Interrupts
IICV2 uses only one interrupt vector.
Table 9-8. Interrupt Summary
Internally there are three types of interrupts in IIC. The interrupt service routine can determine the interrupt
type by reading the status register.
IIC Interrupt can be generated on
1. Arbitration lost condition (IBAL bit set)
2. Byte transfer condition (TCF bit set)
3. Address detect condition (IAAS bit set)
The IIC interrupt is enabled by the IBIE bit in the IIC control register. It must be cleared by writing 0 to
the IBF bit in the interrupt service routine.
9.7
Initialization/Application Information
9.7.1
IIC Programming Examples
9.7.1.1
Initialization Sequence
Reset will put the IIC bus control register to its default status. Before the interface can be used to transfer
serial data, an initialization procedure must be carried out, as follows:
1. Update the frequency divider register (IBFD) and select the required division ratio to obtain SCL
frequency from system clock.
2. Update the IIC bus address register (IBAD) to define its slave address.
3. Set the IBEN bit of the IIC bus control register (IBCR) to enable the IIC interface system.
4. Modify the bits of the IIC bus control register (IBCR) to select master/slave mode, transmit/receive
mode and interrupt enable or not.
Interrupt
Offset
Vector
Priority
Source
Description
IIC
Interrupt
—
—
—
IBAL, TCF, IAAS
bits in IBSR
register
When either of IBAL, TCF or IAAS bits is set
may cause an interrupt based on arbitration
lost, transfer complete or address detect
conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com