Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 419 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 419 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 415Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 416Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 417Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 418Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 419Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 420Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 421Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 422Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 423Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 419 / 1350 page
background image
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
419
Chapter 10
Freescale’s Scalable Controller Area Network
(S12MSCANV3)
10.1
Introduction
Freescale’s scalable controller area network (S12MSCANV3) definition is based on the MSCAN12
definition, which is the specific implementation of the MSCAN concept targeted for the M68HC12
microcontroller family.
The module is a communication controller implementing the CAN 2.0A/B protocol as defined in the
Bosch specification dated September 1991. For users to fully understand the MSCAN specification, it is
recommended that the Bosch specification be read first to familiarize the reader with the terms and
concepts contained within this document.
Though not exclusively intended for automotive applications, CAN protocol is designed to meet the
specific requirements of a vehicle serial data bus: real-time processing, reliable operation in the EMI
environment of a vehicle, cost-effectiveness, and required bandwidth.
MSCAN uses an advanced buffer arrangement resulting in predictable real-time behavior and simplified
application software.
10.1.1
Glossary
ACK: Acknowledge of CAN message
CAN: Controller Area Network
CRC: Cyclic Redundancy Code
EOF: End of Frame
FIFO: First-In-First-Out Memory
IFS: Inter-Frame Sequence
SOF: Start of Frame
CPU bus: CPU related read/write data bus
CAN bus: CAN protocol related serial bus
oscillator clock: Direct clock from external oscillator
bus clock: CPU bus realated clock
CAN clock: CAN protocol related clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com