Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 467 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 467 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 463Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 464Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 465Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 466Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 467Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 468Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 469Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 470Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 471Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 467 / 1350 page
background image
Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
467
10.4.4.3
Emulation Modes
In all emulation modes, the MSCAN module behaves just like normal system operation modes as
described within this specification.
10.4.4.4
Listen-Only Mode
In an optional CAN bus monitoring mode (listen-only), the CAN node is able to receive valid data frames
and valid remote frames, but it sends only “recessive” bits on the CAN bus. In addition, it cannot start a
transmision. If the MAC sub-layer is required to send a “dominant” bit (ACK bit, overload flag, or active
error flag), the bit is rerouted internally so that the MAC sub-layer monitors this “dominant” bit, although
the CAN bus may remain in recessive state externally.
10.4.4.5
Security Modes
The MSCAN module has no security features.
10.4.5
Low-Power Options
If the MSCAN is disabled (CANE = 0), the MSCAN clocks are stopped for power saving.
If the MSCAN is enabled (CANE = 1), the MSCAN has two additional modes with reduced power
consumption, compared to normal mode: sleep and power down mode. In sleep mode, power consumption
is reduced by stopping all clocks except those to access the registers from the CPU side. In power down
mode, all clocks are stopped and no power is consumed.
Table 10-36 summarizes the combinations of MSCAN and CPU modes. A particular combination of
modes is entered by the given settings on the CSWAI and SLPRQ/SLPAK bits.
For all modes, an MSCAN wake-up interrupt can occur only if the MSCAN is in sleep mode (SLPRQ = 1
and SLPAK = 1), wake-up functionality is enabled (WUPE = 1), and the wake-up interrupt is enabled
(WUPIE = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com