Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 473 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 473 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 469Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 470Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 471Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 472Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 473Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 474Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 475Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 476Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 477Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 473 / 1350 page
background image
Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
473
NOTE
The dedicated interrupt vector addresses are defined in the Resets and
Interrupts chapter.
10.4.7.2
Transmit Interrupt
At least one of the three transmit buffers is empty (not scheduled) and can be loaded to schedule a message
for transmission. The TXEx flag of the empty message buffer is set.
10.4.7.3
Receive Interrupt
A message is successfully received and shifted into the foreground buffer (RxFG) of the receiver FIFO.
This interrupt is generated immediately after receiving the EOF symbol. The RXF flag is set. If there are
multiple messages in the receiver FIFO, the RXF flag is set as soon as the next message is shifted to the
foreground buffer.
10.4.7.4
Wake-Up Interrupt
A wake-up interrupt is generated if activity on the CAN bus occurs during MSCAN internal sleep mode.
WUPE (see Section 10.3.2.1, “MSCAN Control Register 0 (CANCTL0)”) must be enabled.
10.4.7.5
Error Interrupt
An error interrupt is generated if an overrun of the receiver FIFO, error, warning, or bus-off condition
occurrs. Section 10.3.2.5, “MSCAN Receiver Flag Register (CANRFLG) indicates one of the following
conditions:
•
Overrun — An overrun condition of the receiver FIFO as described in Section 10.4.2.3, “Receive
Structures,” occurred.
•
CAN Status Change — The actual value of the transmit and receive error counters control the
CAN bus state of the MSCAN. As soon as the error counters skip into a critical range
(Tx/Rx-warning, Tx/Rx-error, bus-off) the MSCAN flags an error condition. The status change,
which caused the error condition, is indicated by the TSTAT and RSTAT flags (see
Section 10.3.2.5, “MSCAN Receiver Flag Register (CANRFLG)” and Section 10.3.2.6, “MSCAN
Receiver Interrupt Enable Register (CANRIER)”).
10.4.7.6
Interrupt Acknowledge
Interrupts are directly associated with one or more status flags in either the Section 10.3.2.5, “MSCAN
Receiver Flag Register (CANRFLG)” or the Section 10.3.2.7, “MSCAN Transmitter Flag Register
Table 10-37. Interrupt Vectors
Interrupt Source
CCR Mask
Local Enable
Wake-Up Interrupt (WUPIF)
I bit
CANRIER (WUPIE)
Error Interrupts Interrupt (CSCIF, OVRIF)
I bit
CANRIER (CSCIE, OVRIE)
Receive Interrupt (RXF)
I bit
CANRIER (RXFIE)
Transmit Interrupts (TXE[2:0])
I bit
CANTIER (TXEIE[2:0])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com