Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 482 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 482 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 478Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 479Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 480Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 481Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 482Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 483Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 484Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 485Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 486Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 482 / 1350 page
background image
Chapter 11 Serial Communication Interface (S12SCIV5)
MC9S12XDP512 Data Sheet, Rev. 2.17
482
Freescale Semiconductor
11.3.2.1
SCI Baud Rate Registers (SCIBDH, SCIBDL)
Read: Anytime, if AMAP = 0. If only SCIBDH is written to, a read will not return the correct data until
SCIBDL is written to as well, following a write to SCIBDH.
Write: Anytime, if AMAP = 0.
NOTE
Those two registers are only visible in the memory map if AMAP = 0 (reset
condition).
The SCI baud rate register is used by to determine the baud rate of the SCI, and to control the infrared
modulation/demodulation submodule.
76543210
R
IREN
TNP1
TNP0
SBR12
SBR11
SBR10
SBR9
SBR8
W
Reset
00000000
Figure 11-3. SCI Baud Rate Register (SCIBDH)
76543210
R
SBR7
SBR6
SBR5
SBR4
SBR3
SBR2
SBR1
SBR0
W
Reset
00000000
Figure 11-4. SCI Baud Rate Register (SCIBDL)
Table 11-1. SCIBDH and SCIBDL Field Descriptions
Field
Description
7
IREN
Infrared Enable Bit — This bit enables/disables the infrared modulation/demodulation submodule.
0 IR disabled
1 IR enabled
6:5
TNP[1:0]
Transmitter Narrow Pulse Bits — These bits enable whether the SCI transmits a 1/16, 3/16, 1/32 or 1/4 narrow
pulse. See Table 11-2.
4:0
7:0
SBR[12:0]
SCI Baud Rate Bits — The baud rate for the SCI is determined by the bits in this register. The baud rate is
calculated two different ways depending on the state of the IREN bit.
The formulas for calculating the baud rate are:
When IREN = 0 then,
SCI baud rate = SCI bus clock / (16 x SBR[12:0])
When IREN = 1 then,
SCI baud rate = SCI bus clock / (32 x SBR[12:1])
Note: The baud rate generator is disabled after reset and not started until the TE bit or the RE bit is set for the
first time. The baud rate generator is disabled when (SBR[12:0] = 0 and IREN = 0) or (SBR[12:1] = 0 and
IREN = 1).
Note: Writing to SCIBDH has no effect without writing to SCIBDL, because writing to SCIBDH puts the data in
a temporary location until SCIBDL is written to.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com