Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 496 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 496 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 492Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 493Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 494Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 495Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 496Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 497Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 498Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 499Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 500Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 496 / 1350 page
background image
Chapter 11 Serial Communication Interface (S12SCIV5)
MC9S12XDP512 Data Sheet, Rev. 2.17
496
Freescale Semiconductor
11.4.4
Baud Rate Generation
A 13-bit modulus counter in the baud rate generator derives the baud rate for both the receiver and the
transmitter. The value from 0 to 8191 written to the SBR12:SBR0 bits determines the bus clock divisor.
The SBR bits are in the SCI baud rate registers (SCIBDH and SCIBDL). The baud rate clock is
synchronized with the bus clock and drives the receiver. The baud rate clock divided by 16 drives the
transmitter. The receiver has an acquisition rate of 16 samples per bit time.
Baud rate generation is subject to one source of error:
•
Integer division of the bus clock may not give the exact target frequency.
Table 11-15 lists some examples of achieving target baud rates with a bus clock frequency of 25 MHz.
When IREN = 0 then,
SCI baud rate = SCI bus clock / (16 * SCIBR[12:0])
1 The address bit identifies the frame as an address
character. See Section 11.4.6.6, “Receiver Wakeup”.
Table 11-15. Baud Rates (Example: Bus Clock = 25 MHz)
Bits
SBR[12:0]
Receiver
Clock (Hz)
Transmitter
Clock (Hz)
Target
Baud Rate
Error
(%)
41
609,756.1
38,109.8
38,400
.76
81
308,642.0
19,290.1
19,200
.47
163
153,374.2
9585.9
9,600
.16
326
76,687.1
4792.9
4,800
.15
651
38,402.5
2400.2
2,400
.01
1302
19,201.2
1200.1
1,200
.01
2604
9600.6
600.0
600
.00
5208
4800.0
300.0
300
.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com