Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 511 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 511 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 507Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 508Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 509Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 510Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 511Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 512Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 513Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 514Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 515Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 511 / 1350 page
background image
Chapter 11 Serial Communication Interface (S12SCIV5)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
511
Enable single-wire operation by setting the LOOPS bit and the receiver source bit, RSRC, in SCI control
register 1 (SCICR1). Setting the LOOPS bit disables the path from the RXD pin to the receiver. Setting
the RSRC bit connects the TXD pin to the receiver. Both the transmitter and receiver must be enabled
(TE = 1 and RE = 1).The TXDIR bit (SCISR2[1]) determines whether the TXD pin is going to be used as
an input (TXDIR = 0) or an output (TXDIR = 1) in this mode of operation.
NOTE
In single-wire operation data from the TXD pin is inverted if RXPOL is set.
11.4.8
Loop Operation
In loop operation the transmitter output goes to the receiver input. The RXD pin is disconnected from the
SCI.
Figure 11-31. Loop Operation (LOOPS = 1, RSRC = 0)
Enable loop operation by setting the LOOPS bit and clearing the RSRC bit in SCI control register 1
(SCICR1). Setting the LOOPS bit disables the path from the RXD pin to the receiver. Clearing the RSRC
bit connects the transmitter output to the receiver input. Both the transmitter and receiver must be enabled
(TE = 1 and RE = 1).
NOTE
In loop operation data from the transmitter is not recognized by the receiver
if RXPOL and TXPOL are not the same.
11.5
Initialization/Application Information
11.5.1
Reset Initialization
See Section 11.3.2, “Register Descriptions”.
11.5.2
Modes of Operation
11.5.2.1
Run Mode
Normal mode of operation.
To initialize a SCI transmission, see Section 11.4.5.2, “Character Transmission”.
RXD
Transmitter
Receiver
TXD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com