Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 526 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 526 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 522Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 523Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 524Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 525Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 526Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 527Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 528Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 529Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 530Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 526 / 1350 page
background image
Chapter 12 Serial Peripheral Interface (S12SPIV4)
MC9S12XDP512 Data Sheet, Rev. 2.17
526
Freescale Semiconductor
12.3.2.5
SPI Data Register (SPIDR)
Read: Anytime; normally read only when SPIF is set
Write: Anytime
The SPI data register is both the input and output register for SPI data. A write to this register
allows a data byte to be queued and transmitted. For an SPI configured as a master, a queued data
byte is transmitted immediately after the previous transmission has completed. The SPI transmitter
empty flag SPTEF in the SPISR register indicates when the SPI data register is ready to accept new
data.
Received data in the SPIDR is valid when SPIF is set.
If SPIF is cleared and a byte has been received, the received byte is transferred from the receive
shift register to the SPIDR and SPIF is set.
If SPIF is set and not serviced, and a second byte has been received, the second received byte is
kept as valid byte in the receive shift register until the start of another transmission. The byte in the
SPIDR does not change.
If SPIF is set and a valid byte is in the receive shift register, and SPIF is serviced before the start of
a third transmission, the byte in the receive shift register is transferred into the SPIDR and SPIF
remains set (see Figure 12-8).
If SPIF is set and a valid byte is in the receive shift register, and SPIF is serviced after the start of
a third transmission, the byte in the receive shift register has become invalid and is not transferred
into the SPIDR (see Figure 12-9).
76543210
R
Bit 7
6
5
4
3
2
2
Bit 0
W
Reset
00000000
Figure 12-7. SPI Data Register (SPIDR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com