Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 557 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 557 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 553Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 554Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 555Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 556Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 557Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 558Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 559Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 560Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 561Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 557 / 1350 page
background image
Chapter 14 Voltage Regulator (S12VREG3V3V5)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
557
14.2
External Signal Description
Due to the nature of VREG_3V3 being a voltage regulator providing the chip internal power supply
voltages, most signals are power supply signals connected to pads.
Table 14-1 shows all signals of VREG_3V3 associated with pins.
NOTE
Check device level specification for connectivity of the signals.
14.2.1
VDDR — Regulator Power Input Pins
Signal VDDR is the power input of VREG_3V3. All currents sourced into the regulator loads flow through
this pin. A chip external decoupling capacitor (>=100 nF, X7R ceramic) between VDDR and VSSR (if VSSR
is not available VSS) can smooth ripple on VDDR.
For entering shutdown mode, pin VDDR should also be tied to ground on devices without VREGEN pin.
14.2.2
VDDA, VSSA — Regulator Reference Supply Pins
Signals VDDA/VSSA, which are supposed to be relatively quiet, are used to supply the analog parts of the
regulator. Internal precision reference circuits are supplied from these signals. A chip external decoupling
capacitor (>=100 nF, X7R ceramic) between VDDA and VSSA can further improve the quality of this
supply.
14.2.3
VDD, VSS — Regulator Output1 (Core Logic) Pins
Signals VDD/VSS are the primary outputs of VREG_3V3 that provide the power supply for the core logic.
These signals are connected to device pins to allow external decoupling capacitors (220 nF, X7R ceramic).
In shutdown mode an external supply driving VDD/VSS can replace the voltage regulator.
Table 14-1. Signal Properties
Name
Function
Reset State
Pull Up
VDDR
Power input (positive supply)
—
—
VDDA
Quiet input (positive supply)
—
—
VSSA
Quiet input (ground)
—
—
VDD
Primary output (positive supply)
—
—
VSS
Primary output (ground)
—
—
VDDPLL
Secondary output (positive supply)
—
—
VSSPLL
Secondary output (ground)
—
—
VREGEN (optional)
Optional Regulator Enable
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com