Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 611 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 611 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 607Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 608Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 609Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 610Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 611Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 612Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 613Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 614Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 615Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 611 / 1350 page
background image
Chapter 16 Interrupt (S12XINTV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
611
Figure 16-14. Interrupt Processing Example
16.5.3
Wake Up from Stop or Wait Mode
16.5.3.1
CPU Wake Up from Stop or Wait Mode
Every I bit maskable interrupt request which is configured to be handled by the CPU is capable of waking
the MCU from stop or wait mode. To determine whether an I bit maskable interrupts is qualified to wake
up the CPU or not, the same settings as in normal run mode are applied during stop or wait mode:
•
If the I bit in the CCR is set, all I bit maskable interrupts are masked from waking up the MCU.
•
An I bit maskable interrupt is ignored if it is configured to a priority level below or equal to the
current IPL in CCR.
•
I bit maskable interrupt requests which are configured to be handled by the XGATE are not capable
of waking up the CPU.
An XIRQ request can wake up the MCU from stop or wait mode at anytime, even if the X bit in CCR is set.
16.5.3.2
XGATE Wake Up from Stop or Wait Mode
Interrupt request channels which are configured to be handled by the XGATE are capable of waking up the
XGATE. Interrupt request channels handled by the XGATE do not affect the state of the CPU.
0
Reset
4
0
7
6
5
4
3
2
1
0
L4
7
0
4
L1 (Pending)
L7
L3 (Pending)
RTI
4
0
3
0
RTI
RTI
1
0
0
RTI
Stacked IPL
Processing Levels
IPL in CCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com