Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 648 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 648 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 644Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 645Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 646Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 647Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 648Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 649Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 650Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 651Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 652Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 648 / 1350 page
background image
Chapter 17 Memory Mapping Control (S12XMMCV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
648
Freescale Semiconductor
17.5.3.4
ROM Control in Emulation Expanded Mode
In emulation expanded mode the external bus will be connected to the emulator and to the application. If
the ROMON bit is set, the internal FLASH provides the data. If the EROMON bit is set as well the
emulator observes all CPU internal actions, otherwise the emulator provides the data and traces all CPU
actions (see Figure 1-30). When the ROMON bit is cleared, the application memory provides the data and
the emulator will observe the CPU internal actions (see Figure 1-31).
Figure 17-30. ROMON = 1 in Emulation Expanded Mode
EROMON = 1
Application
MCU
Flash
Memory
Emulator
EROMON = 0
Application
MCU
Memory
Emulator
Flash
Generator
Observer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com