Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 657 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 657 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 653Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 654Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 655Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 656Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 657Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 658Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 659Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 660Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 661Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 657 / 1350 page
background image
Chapter 18 Memory Mapping Control (S12XMMCV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
657
18.3.2
Register Descriptions
18.3.2.1
MMC Control Register (MMCCTL0)
Read: Anytime. In emulation modes read operations will return the data from the external bus. In all other
modes the data is read from this register.
Write: Anytime. In emulation modes write operations will also be directed to the external bus.
The MMCCTL0 register is used to control external bus functions, i.e., availability of chip selects.
CAUTION
XGATE write access to this register during an CPU access which makes use
of this register could lead to unexpected results.
0x011D
RAMXGU
R
1
XGU6
XGU5
XGU4
XGU3
XGU2
XGU1
XGU0
W
0x011E
RAMSHL
R
1
SHL6
SHL5
SHL4
SHL3
SHL2
SHL1
SHL0
W
0x011F
RAMSHU
R
1
SHU6
SHU5
SHU4
SHU3
SHU2
SHU1
SHU0
W
Address: 0x000A PRR
76543210
R
0000
CS3E
CS2E
CS1E
CS0E
W
Reset
0000000
ROMON1
1. ROMON is bit[0] of the register MMCTL1 (see Figure 18-10)
= Unimplemented or Reserved
Figure 18-3. MMC Control Register (MMCCTL0)
Table 18-4. Chip Selects Function Activity
Register Bit
Chip Modes
NS
SS
NX
ES
EX
ST
CS3E, CS2E, CS1E, CS0E
Disabled1
1 Disabled: feature always inactive.
Disabled
Enabled2
2 Enabled: activity is controlled by the appropriate register bit value.
Disabled
Enabled
Enabled
Address
Register
Name
Bit 7
654321
Bit 0
= Unimplemented or Reserved
Figure 18-2. MMC Register Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com