Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 119 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 119 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 115Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 116Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 117Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 118Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 119Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 120Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 121Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 122Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 123Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 1350 page
background image
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
119
Chapter 3
Pierce Oscillator (S12XOSCLCPV1)
3.1
Introduction
The Pierce oscillator (XOSC) module provides a robust, low-noise and low-power clock source. The
module will be operated from the VDDPLL supply rail (2.5 V nominal) and require the minimum number
of external components. It is designed for optimal start-up margin with typical crystal oscillators.
3.1.1
Features
The XOSC will contain circuitry to dynamically control current gain in the output amplitude. This ensures
a signal with low harmonic distortion, low power and good noise immunity.
•
High noise immunity due to input hysteresis
•
Low RF emissions with peak-to-peak swing limited dynamically
•
Transconductance (gm) sized for optimum start-up margin for typical oscillators
•
Dynamic gain control eliminates the need for external current limiting resistor
•
Integrated resistor eliminates the need for external bias resistor
•
Low power consumption:
— Operates from 2.5 V (nominal) supply
— Amplitude control limits power
•
Clock monitor
3.1.2
Modes of Operation
Two modes of operation exist:
1. Loop controlled Pierce oscillator
2. External square wave mode featuring also full swing Pierce without internal feedback resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com