Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSW-SILKT01 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STSW-SILKT01
Description  Evaluation kit for industrial PLC solutions targeting SIL3 applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSW-SILKT01 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STSW-SILKT01 Datasheet HTML 5Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 6Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 7Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 8Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 9Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 10Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 11Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 12Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Figure 10. STEVAL-SILKTA01 circuit schematic (10 of 21)
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
MODBUS
CAN
dissipative area
ETHERNET IP
MB_DE
MB_TX
CAN_RS
FDCAN_TX
MB_RX
CANH
CANL
FDCAN_RX
A
B
PHY_ETH_TX+
PHY_ETH_RX+
PHY_ETH_RX-
PHY_ETH_TX-
ETH_CLK
ETH_TXEN
ETH_TX0
ETH_TX1
ETH_MDC
ETH_MDIO
ETH_PWR_DWN
PHY_AIN0
PHY_AIN1
PHY_AIN_EN
GND
Supply
GNDS_Conn
GNDS_Conn
AGND
3V3_Conn
3V3_Conn
3V3_Conn
3V3_Conn
3V3_Conn
3V3_Conn
3V3_Conn
3V3_Conn
3V3_Conn
3V3_Conn
3V3_Conn
3V3_Conn
+
C101
10uF
R90
2k2
N.A.
R73
510R
R74
60.4R
R84
2k2
R80
49.9
C99
20pF
Y2
25MHz
2
4
3
1
R86
2k2
N.A.
C93
0.1uF
0
FB3
600Ohm@100MHz
1
2
R78
2k2
R92
2k2
TP40
5001
R79
49.9
0
0
FB4
600Ohm@100MHz
1
2
R82
4.7k
C91
0.1uF
R69
510R
C87
100nF
R88
2k2
N.A.
C90
0.1uF
R94
2k2
R83
1.5K
C89
47pF
C88
10nF
L6
8kOhms@10MHz
1
2
4
3
SW2
1437566-3
D14
ESDCAN24-2BLY
3
1
2
C97
0.1uF
C96
0.1uF
R71
0
C103
0.1uF
C102
0.1uF
R72
10k
U43
DP83848MPHPEP
TX_CLK
1
TX_EN
2
TXD_0
3
TXD_1
4
TXD_2
5
SNI_MODE(TXD_3)
6
PWR_DOWN(INT)
7
TCK
8
TDO
9
TMS
10
TRST
11
TDI
12
25MHZ_OUT
25
AN_EN(LED_ACT/COL)
26
AN_1(LED_SPEED)
27
AN_0(LED_LINK)
28
RESET_N
29
MDIO
30
MDC
31
IOVDD33_1
32
X2
33
X1
34
IOGND1
35
DGND
36
EXP.PAD
49
TP39
5001
TP38
5001
R85
2k2
TP37
5001
C100
20pF
R77
2k2
R91
2k2
N.A.
C95
0.1uF
R81
49.9
R76
49.9
R75 10k
R95
4.87k
0
0
FB2
600Ohm@100MHz
1
2
TP41
5001
R87
2k2
N.A.
R70
0
R93
2k2
R89
2.7k
R68
120
C94
0.1uF
U42
ST3485EI
1
RO
2
RE
3
DE
4
DI
5
GND
6
A
7
B
8
Vcc
U41
MAX3051ESA+
TXD
1
GND
2
VCC
3
RXD
4
CANH
7
CANL
6
SHDN
5
D15
ESDA7P60-1U1M
C92
0.1uF
TP36
5001
R67
60.4R
C98
1uF
C86
47pF
PFBOUT
OSC_IN
OSC_OUT
VDD1
OSC_IN
OSC_OUT
PFBOUT
PFBOUT
VDD1
AVDD
VDD2
AVDD
RESERV1
RESERV2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com