Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSW-SILKT01 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STSW-SILKT01
Description  Evaluation kit for industrial PLC solutions targeting SIL3 applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSW-SILKT01 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STSW-SILKT01 Datasheet HTML 17Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 18Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 19Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 20Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 21Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 22Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 23Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 24Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Figure 26. STEVAL-SILKTB01 circuit schematic (5 of 12)
PROGRAMMING CONNECTOR
MCU_Supply
STTS751_I2CSDA
STTS751_I2CSCLK
VOLTAGE_FAIL
MCU_GND
3.5V_MCU_Monitor
Vbus _Monitor
STTS751_I2CSDA
STTS751_I2CSCLK
VOLTAGE_FAIL
SPI2_MISO
SPI2_MOSI
SPI2_CLK
SPI2_NSS
MCU_CHECK_IN1
MCU_CHECK_IN2
HS_SUPPLY_ON
DRV_LS
OL_LS
OVL_HS
DI1_FB
STTS751_EVENT
DRV_HS
OVT_HS
OVT_LS
DI2_FB
RST
HS_FB
LS_FB
PWM_WD
VOLTAGE_FAIL
STTS751_EVENT
OVT_LS
Vbus _Monitor
MCU_CHECK_IN2
PWM_WD
MCU_CHECK_IN1
HS_SUPPLY_ON
DRV_LS
LS_FB
OL_LS
STTS751_I2CSCLK
STTS751_I2CSDA
BOARD_PRESENCE
L7983_RSTMCU
BOARD_ID0
BOARD_ID1
3.5V_MCU_F
Vbus 1_F
3.5V_MCU_F
Vbus 1_F
R8
2.7k
TP14
5001
0
FB1
600Ohm@100MHz
1
2
TP16 5001
R9
2.7k
TP19 5001
C10
4.7uF
C4
18pF
TP3
5001
Y1
48MHz
2
4
3
1
C3
18pF
U2
MCU Programmer
1
2
3
4
5
6
7
8
9
10
11
12
13
14
C19
10pF
TP6
5001
R12
2.7k
R6
0
C18
10pF
TP20
5001
TP17
5001
TP7
5001
C2
0.1uF
R1
10k
N.A.
TP13
5001
TP15
5001
C17
10pF
TP8
5001
R4
10k
C9
1uF
TP5
5001
TP2
5001
C1
0.1uF
C8
1uF
C13
1uF
C12
0.1uF
TP10
5001
D1
ESDA7P60-1U1M
TP11
5001TP12
5001
SW1
1437566-3
C5
1nF
2 of 2
U1B
STM32G431RBT3
VDD
16
VDD_1
32
VDD_2
48
VDD_3
64
VDDA
29
VBAT
1
VSS
15
VSS_1
31
VSS_2
47
VSS_3
63
VSSA
27
VREF+
28
TP1
5001
TP9
5001
R5
0
R2
1k
R7
2.7k
R3
1k
1 of 2
U1A
STM32G431RBT3
PA0
12
PA1
13
PA2
14
PA3
17
PA4
18
PA5
19
PA6
20
PA7
21
PA8
42
PA9
43
PA10
44
PA11
45
PA12
46
PA13
49
PA14
50
PA15
51
PB0
24
PB1
25
PB2
26
PB3
56
PB4
57
PB5
58
PB6
59
PB7
60
PB8-BOOT0
61
PB9
62
PB10
30
PB11
33
PB12
34
PB13
35
PB14
36
PB15
37
PC0
8
PC1
9
PC2
10
PC3
11
PC4
22
PC5
23
PC6
38
PC7
39
PC8
40
PC9
41
PC10
52
PC11
53
PC12
54
PC13
2
PC14-OSC32_IN
3
PC15-OSC32_OUT
4
PD2
55
PF0-OSC_IN
5
PF1-OSC_OUT
6
PG10-NRST
7
TP18 5001
TP4
5001
C6
1uF
3V3_MCU
3V3_MCU
3V3_MCU
SWDIO
SWDCLK
RST
V_COM_RX
V_COM_TX
OSC-OUT
OSC-IN
V_COM_RX
V_COM_TX
SWDIO
SWDCLK
OSC-OUT
OSC-IN
3V3_MCU
3V3_MCU
VADC
3V3_MCU
3V3_MCU
3V3_MCU
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com