Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSW-SILKT01 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STSW-SILKT01
Description  Evaluation kit for industrial PLC solutions targeting SIL3 applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSW-SILKT01 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STSW-SILKT01 Datasheet HTML 19Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 20Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 21Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 22Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 23Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 24Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 25Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 26Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
Figure 28. STEVAL-SILKTB01 circuit schematic (7 of 12)
Limitation
2.4 A typ
Open Load
HS _OUT_monitor
24V_HS
3V3
R27
100
D5
3.3V
R18
68k
R29
4.7k
R26
30k
U6
TS Z121ILT
C30
1nF
R20
0
C31
10nF
R28
39
R23
30k
HS _OUT
LS _OUT_monitor
OL_DIAG_L
OVT_DIAG_L
IN_LS
LS _OUT
3V3
3V3
24V_HS
24V_HS
3V3
C33
1nF
R40
30k
R37
39
R39
100k
R35
30k
IC1
IP S 4260L
VZ1
3
PGND2
2
PGND1
1
SGND
8
IN3
6
IN4
7
IN1
4
IN2
5
OL
9
FLT
10
EP
21
PGND4
20
LOAD4
14
VZ2
18
LOAD3
15
PGND3
19
VCC
13
LOAD1
17
LOAD2
16
ILIM
12
CoD
11
R32
2.7k
R34
30k
C34
10nF
U7
TS Z121ILT
R33
2.7k
R38
220k
R36
100
D9
S TP S 3H100AF
D8
S MC30J 18CA
D11
3.3V
D7
S MBJ 36CA
IP S _Vcc
IP S _GND
OVL_DIAG_H
OVT_DIAG_H
IN_HS
HS _OUT
HS _S upply
LS _OUT
GND_IS O
HS _OUT
24V_HS
24V_HS
R25
50k
R19
8k2
U5
IP S 1025H
1
VCC
NC2
2
NC3
3
FLT2
4
OUT6
6
OUT7
7
OUT8
8
OUT9
9
OUT10
10
OUT11
11
OUT12
12
OUT13
13
OUT14
14
OUT15
15
OUT16
16
OUT17
17
OUT18
18
OUT19
19
OUT20
20
FLT1
21
IPD
22
IN
23
OUT5
5
GND
24
R21
8k2
C28
0.47uF
D3
S TP S 3H100AF
R17
8k2
D4
S MBJ 48A-TR
Q1
S TL42P 6LLF6
4
R22
8k2
Q2
S TS 8N6LF6AG
4
D6
LED RED
R24
8.2k
D2
LED GREEN
R30
8.2k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com