Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSW-SILKT01 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STSW-SILKT01
Description  Evaluation kit for industrial PLC solutions targeting SIL3 applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSW-SILKT01 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STSW-SILKT01 Datasheet HTML 7Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 8Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 9Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 10Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 11Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 12Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 13Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 14Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Figure 12. STEVAL-SILKTA01 circuit schematic (12 of 21)
PROGRAMMING CONNECTOR
Voltage detection
Digital Output signals
Digital Inputs signals
Temperature Sensor
STMicroelectronics and/or its licensors do not warrant the accuracy or
completeness of this specification or any information contained
therein. STMicroelectronics and/or its licensors do not warrant that
this design will meet the specifications, will be suitable for your
application or fit for any particular purpose, or will operate in an
implementation. STMicroelectronics and/or its licensors do not warrant
that the design is production worthy. You should completely validate
and test your design implementation to confirm the system
functionality for your application.
MODBUS _RX
MODBUS _TX
MODBUS _DE
S DA_I2C
S CLK_I2C
MCU_S upply
3.5V_MCU_Monitor
Vbus
FDCAN_RX
FDCAN_TX
BOARD0_HS _OVL
BOARD0_HS
BOARD1_LS _OVT
BOARD1_HS _FB
FDCAN_RS
FCAN_S HDN
BOARD1_LS _FB
V_FAIL
V_FAIL
BOARD0_LS
BOARD0_LS _OVT
DI1_CH1
DI1_CH2
S P I2_CLK
S P I2_MIS O
S P I2_MOS I
BOARD1_LS _OL
MCU_GND
BOARD1_HS _OVL
RS T
S UP ERVIS OR_WD
BOARD0_LS _OVT
BOARD0_HS _FB
DI0_CH2
BOARD1_HS _S uppyON
BOARD0_HS _S uppyON
BOARD0_LS _FB
BOARD0_ID1
S TTS 751_EVENT
BOARD1_S P IS EL
BOARD0_LS _OL
BOARD1_HS
DI0_CH1
BOARD1_LS
BOARD0_S P IS EL
BOARD1_HS _S uppyON
BOARD0_HS _OVT
BOARD0_HS
BOARD0_LS _OL
BOARD1_HS _OVT
BOARD1_HS _OVL
BOARD0_HS _S uppyON
BOARD1_LS
BOARD0_LS
DI0_CH2
V_FAIL
BOARD1_LS _OVT
DI1_CH2
DI1_CH1
S UP ERVIS OR_WD
S TTS 751_EVENT
BOARD0_HS _OVL
DI0_CH1
BOARD1_LS _OL
BOARD1_HS
S DA_I2C
S CLK_I2C
RS T
MCU_S upply
BOARD1_HS _OVT
BOARD0_ID0
BOARD1_ID0
BOARD1_ID1
ETH_REF_CLK
ETH_MDIO
ETH_CRS _DV
ETH_TX_EN
ETH_MDC
ETH_TX_TXD1
ETH_TX_TXD0
BOARD0_P RES ENCE
BOARD0_HS _OVT
ETH_RXD0
ETH_RXD1
S CLK_I2C
S DA_I2C
ETH_P WRN_DOWN
BOARD1_P RES ENCE
MCU_RES ET
MCU_RES ET
3.5V_MCU_F
Vbus _F
Vbus _F
3.5V_MCU_F
C13
0.1uF
R32
100
D2
ES DA7P 60-1U1M
R34
0
R22
2.7k
C109
10pF
D17
LED GREEN RED
C38
1uF
S W1
1437566-3
1of 3
U3C
S TM32H743ZGT6
PA0-WKUP
34
PA1
35
PA2
36
PA3
37
PA4
40
PA5
41
PA6
42
PA7
43
PA8
100
PA9
101
PA10
102
PA11
103
PA12
104
PA13
105
PA14
109
PA15
110
PB0
46
PB1
47
PB2
48
PB3
133
PB4
134
PB5
135
PB6
136
PB7
137
PB8
139
PB9
140
PB10
69
PB11
70
PB12
73
PB13
74
PB14
75
PB15
76
PC0
26
PC1
27
PC2_C
28
PC3_C
29
PC4
44
PC5
45
PC6
96
PC7
97
PC8
98
PC9
99
PC10
111
PC11
112
PC12
113
PC13
7
PC14-OSC32_IN
8
PC15-OSC32_OUT
9
PD0
114
PD1
115
PD2
116
PD3
117
PD4
118
PD5
119
PD6
122
PD7
123
PD8
77
PD9
78
PD10
79
PD11
80
PD12
81
PD13
82
PD14
85
PD15
86
R28
10k
R105
10k
N.M.
C39
1uF
U47
M24256-BRMN6TP
E0
1
E1
2
E2
3
SDA
5
SCL
6
WC
7
VCC
8
VSS
4
C14
1uF
R107
10k
C37
2.2uF
C108
10pF
C36
2.2uF
C19
10pF
D18
LED GREEN RED
R33
100
3of 3
U3B
S TM32H743ZGT6
VSS
16
VSS_1
38
VSS_2
51
VSS_3
61
VSS_4
83
VSS_5
94
VSS_6
107
VSS_7
120
VSS_8
130
VSSA
31
VREF+
32
VCAP1
71
VCAP2
106
VDD
17
VDD_1
30
VDD_2
39
VDD_3
52
VDD_4
62
VDD_5
72
VDD_6
84
VDD_7
108
VDD_8
121
VDD_9
131
VDD_10
144
VDDA
33
VDD33USB
95
VBAT
6
R119
10k
Y1
48MHz
2
4
3
1
R118
10k
N.M.
R109
2.7k
R108
2.7k
TP 10
5001
R31
2.7k
TP 8
5001
2of 3
U3A
S TM32H743ZGT6
PE0
141
PE1
142
PE2
1
PE3
2
PE4
3
PE5
4
PE6
5
PE7
58
PE8
59
PE9
60
PE10
63
PE11
64
PE12
65
PE13
66
PE14
67
PE15
68
PF0
10
PF1
11
PF2
12
PF3
13
PF4
14
PF5
15
PF6
18
PF7
19
PF8
20
PF9
21
PF10
22
PF11
49
PF12
50
PF13
53
PF14
54
PF15
55
PG0
56
PG1
57
PG2
87
PG3
88
PG4
89
PG5
90
PG6
91
PG7
92
PG8
93
PG9
124
PG10
125
PG11
126
PG12
127
PG13
128
PG14
129
PG15
132
PH0-OSC_IN
23
PH1-OSC_OUT
24
NRST
25
BOOT0
138
PDR_ON
143
R116
330R
TP 2
5001
C20
4.7uF
C35
18pF
R24
100
R114
330R
R25
100
TP 7 5001
C34
18pF
R29
2.7k
TP 1
5001
C32
0.1uF
R115
330R
R26
100
U4
MCU P rogrammer
1
2
3
4
5
6
7
8
9
10
11
12
13
14
C15
1uF
R117
330R
R30
2.7k
C16
1uF
R23 100
C18
10pF
TP 9 5001
R104
10k
N.M.
R27
10k
N.M.
0
FB1
600Ohm@100MHz
1
2
R106
10k
C17
10pF
C33
0.1uF
S WDIO
S WDCLK
OS C-IN
OS C-OUT
BOOT
BOOT
OS C-OUT
OS C-IN
3V3_MCU
VADC
3V3_MCU
3V3_US B
3V3_MCU
S WDIO
V_BAT
S WDCLK
MCU_RES ET
V_COM_RX
V_COM_TX
3V3_MCU
3V3_MCU
3V3_MCU
3V3_MCU
3V3_MCU
3V3_MCU
V_COM_TX
V_COM_RX
3V3_MCU
Enable0
Enable1
EEP ROM_WRC
EEP ROM_S CK
EEP ROM_S DA
EEP ROM_S CK
EEP ROM_S DA
3V3_MCU
LED1
LED2
LED3
LED4
3V3_MCU
Enable1
Enable2
EEP ROM_WRC
EEP ROM_S CK
EEP ROM_S DA
Enable2
Enable0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com