Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSW-SILKT01 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STSW-SILKT01
Description  Evaluation kit for industrial PLC solutions targeting SIL3 applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSW-SILKT01 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STSW-SILKT01 Datasheet HTML 6Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 7Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 8Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 9Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 10Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 11Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 12Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 13Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Figure 11. STEVAL-SILKTA01 circuit schematic (11 of 21)
ETH_TX+
ETH_TX-
ETH_RX+
ETH_RX-
A
B
CANL
CANH
Supply_Connect
GND_Connect
AIN1
AIN0
AIN_EN
3v3_Conn
3V3_Conn
3V3_Conn
3V3_Conn
R100330
P1
DB9 PLUG
5
9
4
8
3
7
2
6
1
TP42
5001
R97
0
R1012k2
R99 330
P2
DB9 SOCKET
5
9
4
8
3
7
2
6
1
D16
LED AMBER 0402 SMD
A
C
C105
0.1uF
R102330
TP44
5001
U44
Ethernet Connector
TXD+
1
CT1
4
TXD-
2
RXD+
3
CT2
5
RXD-
6
NC
7
GND
8
K_LED_GREEN
12
A_LED_GREEN
11
A_LED_YELLOW
9
K_LED_YELLOW
10
SHIELD2
14
SHIELD1
13
R98 2k2
C104
0.1uF
R1032k2
TP43
5001
R96
0
AN0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com