Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSW-SILKT01 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STSW-SILKT01
Description  Evaluation kit for industrial PLC solutions targeting SIL3 applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSW-SILKT01 Datasheet(HTML) 1 Page - STMicroelectronics

  STSW-SILKT01 Datasheet HTML 1Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 2Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 3Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 4Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 5Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 6Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 7Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 8Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Features
•
Designed to meet IEC61508-2, EN 62061, EN ISO 13849-1, EN ISO 13849-2
for a SIL3/PLe achievement
•
Dual core architecture based on STM32H743ZG and STM32G431RB
•
Dual digital outputs IPS1025H, IPS4260L
•
Dual digital inputs CLT03-1SC3
•
Full diagnostic coverage >90%
•
Galvanic isolation for data transmission, and digital I/O signals using
STISO621
•
Redundancy on board, at hardware level and data processing
•
Real time communication supporting Ethernet technology for Ethernet/IP, and
differential serial communication for RS485 and CAN
•
Overload and overtemperature protections, integrated on board at device level
Description
The STEVAL-SILKT01 is an evaluation kit designed to implement a PLC solution with
hardware architecture designed to meet the requirements coming from functional
safety standards IEC61508, EN 62061, EN ISO 13849-1, EN ISO 13849-2, to enable
the use as a reference design for factory automation use cases having a hardware
platform with safety integrity level SIL3.
The evaluation kit STEVAL-SILKT01 contains one mother board STEVAL-SILKTA01
(main board) and two daughter boards STEVAL-SILKTB01 (actuation board).
The board architecture offers a dual-core data processing based on STM32H743ZG
for the STEVAL-SILKTA01 and on STM32G431RB for the STEVAL-SILKTB01.
On the main board (STEVAL-SILKTA01) are available three connectivity interfaces,
two of them with differential communication working on RS485 and CAN physical
layer, the other one with Ethernet technology to support the Ethernet/IP.
The hardware is coming with the firmware package STSW-SILKT01 based on the
STM32Cube architecture and consisting of: application layer, drivers layer with BSP/
CMSIS and HAL library, middleware layer.
STEVAL$SILKTB01B
STEVAL$SILKTB01B
Product summary
Evaluation kit for
industrial PLC
solutions targeting
SIL3 applications
STEVAL-SILKT01
Software for
STEVAL-SILKT01
STSW-SILKT01
High-performance
and DSP with DP-
FPU, Arm Cortex-
M7 MCU with
1MByte of Flash
memory, 1MB RAM,
480 MHz CPU, L1
cache, external
memory interface,
JPEG codec, large
set of peripherals
STM32H743ZG
Mainstream Arm
Cortex-M4 MCU
170 MHz with 128
Kbytes of Flash
memory, Math
Accelerator,
Medium Analog
level integration
STM32G431RB
Applications
Programmable
Logic Controllers
(PLC)
Evaluation kit for industrial PLC solutions targeting SIL3 applications
STEVAL-SILKT01
Data brief
DB5133 - Rev 3 - November 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STSW-SILKT01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSW-STWBC-EP STMICROELECTRONICS-STSW-STWBC-EP Datasheet
2Mb / 4P
Qi MP-A15 15W wireless charger TX evaluation kit based on STWBC-EP
May 2019
STSW-STWBCGUI STMICROELECTRONICS-STSW-STWBCGUI Datasheet
751Kb / 7P
2.5 W wireless charger transmitter evaluation kit
18-Apr-2018
STSW-STWINKT01 STMICROELECTRONICS-STSW-STWINKT01 Datasheet
1Mb / 11P
SensorTile Wireless Industrial Node development kit and reference
Rev 4 - May 2020
More results

Similar Description - STSW-SILKT01

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EK13 APEX-EK13 Datasheet
166Kb / 2P
EVALUATION KIT FOR PA241DF
EK28 APEX-EK28 Datasheet
157Kb / 2P
EVALUATION KIT FOR PA97
EK34 APEX-EK34 Datasheet
200Kb / 2P
EVALUATION KIT FOR PA240CX
EK54 APEX-EK54 Datasheet
270Kb / 2P
EVALUATION KIT FOR PA60DK
EK-SA51 APEX-EK-SA51 Datasheet
141Kb / 1P
EVALUATION KIT FOR SA51
logo
Freescale Semiconductor...
MCIMX51EVKJ FREESCALE-MCIMX51EVKJ Datasheet
245Kb / 2P
Evaluation Kit (EVK) for the i.MX51 Applications Processor
logo
List of Unclassifed Man...
SP22GS-10K ETC2-SP22GS-10K Datasheet
146Kb / 2P
Solutions for Industrial Automation
logo
Renesas Technology Corp
RTK0EE0009D01001BJ RENESAS-RTK0EE0009D01001BJ Datasheet
1Mb / 44P
CPX4 DC-PLC Evaluation Kit M01D1
Rev.1.00 July 01, 2021
RTK0EE0009D02001BJ RENESAS-RTK0EE0009D02001BJ Datasheet
1Mb / 42P
CPX4 AC-PLC Evaluation Kit M02D2
Rev.1.00 July 01, 2021
logo
Advantech Co., Ltd.
ARES-7621C ADVANTECH-ARES-7621C Datasheet
2Mb / 4P
Long Reach mounting kit for industrial applications
9-May-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com