Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSW-SILKT01 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STSW-SILKT01
Description  Evaluation kit for industrial PLC solutions targeting SIL3 applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSW-SILKT01 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STSW-SILKT01 Datasheet HTML 9Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 10Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 11Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 12Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 13Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 14Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 15Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 16Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Figure 14. STEVAL-SILKTA01 circuit schematic (14 of 21)
560. 9 kHz
DC bus voltage input
VIN
GROUND_PWR
3.5V_Monitor
3V3_MCU
GROUND_SGN
VOLTAGE_FAIL
MCU_RESET
PWM_WD
PWM_WD
Vbus_Monitor
3.5V_MCU
3V3_MCU
3.5V_MCU
3.5V_MCU
3.5V_MCU
3.5V_MCU
3V3_MCU
3V3_MCU
3V3_MCU
3V3_MCU
C69
100pF
R51
5.6k
J9
Dev3
C77
10nF
R57
62k
C65
10nF
C71
0.1uF
C73
1 uF
C76
47uF
C70
22nF
+
C61
47uF
R59
500
C63
1 uF
R48
3.16k
C83
2.2uF
D7
SMC30J36CA
C67
820pF
L5
10uH
1
2
C74
1 uF
C80
2.2uF
U11
STM802RM6F
6
WDI
4
PFI
2
VCC
7
RST
5
PFO
R64
100k
R52
10.2k
C66
1uF
R56
19.1k
R63
1k
R44
30k
C62
0.1uF
D8
LED GREEN
C72
4.7uF
D13
LED GREEN
D11
3.3V
C75
22nF
U10
LD39150DT33-R
Vout
2
Vin
1
R55
33k
R54
40.2k
R50
680R
+
C64
33uF
R53
39
C82
0.1uF
D12
LED GREEN
R45
30k
L7987L
U8
VBIAS
1
VIN
2
VIN_2
3
VCC
4
EN
5
SS
6
SYNCH
7
COMP
8
FB
9
FSW
10
ILIM
11
PGOOD
12
LX
13
LX_2
14
BOOT
15
R58
18k
R47
39
R49
0
U9
TSZ121ILT
R60
1.5k
C81
0.1uF
C78
10nF
N.M.
D9
3.3V
D10
STPS2H100A
R46
8.2k
L4
4.7uH
1
2
R62
500
R61
0
C79
1uF
U7
TSZ121ILT
Vbus1
Vbus1
Vbus1
MCU voltage
supervisor
Linear regulation
3.5 V MCU to 3.3 V
MCU 0.6 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com