Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPQC-GE2 Datasheet(PDF) 34 Page - fujitsu semiconductor

Part # MB96F348CSAPQC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPQC-GE2 Datasheet(HTML) 34 Page - fujitsu semiconductor

Back Button MB96F348CSAPQC-GE2 Datasheet HTML 30Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 31Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 32Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 33Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 34Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 35Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 36Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 37Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 38Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 159 page
background image
MB96300 Series
Preliminary Specification
34
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
63
P17_2
I
General purpose IO
FRCK3
Free Running Timer3 input
TTG17
Programmable Pulse
Generators PPG17 trigger
20
P17_6
I
General purpose IO
OCU11
Output Compare Unit OCU11
waveform output pin
IN10
Input Capture Unit ICU10
data sample input
TTG18
Programmable Pulse
Generators PPG18 trigger
INT3_R
Relocated input of external
interrupt INT3
29
P17_7
I
General purpose IO
IN11
Input Capture Unit ICU11
data sample input
TTG19
Programmable Pulse
Generators PPG19 trigger
80
30
32
64
1
AVCC
F
Analog circuits VCC power
supply
231
332
2
AVRH
G
A/D converter upper
reference voltage
Supply voltage to AVCC pin
must be kept higher than or
equal to AVRH pin voltage
specially when the supply
voltage to AVRH is turned on
or off
32
34
AVRL
F
A/D converter lower
reference voltage
133
35148
AVSS
F
Analog circuits VSS power
supply
PIN DESCRIPTION FOR MB96(F)32x, MB96(F)34x, MB96(F)35x, MB96(F)36x
Pin no.
Pin name
Circuit
type
Function
MB9632
x
MB9634x
MB9635
x
MB9636
x
LQFP80*5
LQFP100*2
QFP100*1
LQFP64*3
LQFP48*4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com