Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPQC-GE2 Datasheet(PDF) 86 Page - fujitsu semiconductor

Part # MB96F348CSAPQC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPQC-GE2 Datasheet(HTML) 86 Page - fujitsu semiconductor

Back Button MB96F348CSAPQC-GE2 Datasheet HTML 82Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 83Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 84Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 85Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 86Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 87Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 88Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 89Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 90Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 159 page
background image
MB96300 Series
Preliminary Specification
86
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
0004ADH
I/O Port - Pull-Up resistor Control Register
Port 05
PUCR05
RW
0004AEH
I/O Port - Pull-Up resistor Control Register
Port 06
PUCR06
RW
0004AFH
I/O Port - Pull-Up resistor Control Register
Port 07
PUCR07
RW
0004B0H
I/O Port - Pull-Up resistor Control Register
Port 08
PUCR08
RW
0004B1H
I/O Port - Pull-Up resistor Control Register
Port 09
PUCR09
RW
0004B2H
I/O Port - Pull-Up resistor Control Register
Port 10
PUCR10
RW
0004B3H
I/O Port - Pull-Up resistor Control Register
Port 11
PUCR11
RW
0004B4H
I/O Port - Pull-Up resistor Control Register
Port 12
PUCR12
RW
0004B5H
I/O Port - Pull-Up resistor Control Register
Port 13
PUCR13
RW
0004B6H
I/O Port - Pull-Up resistor Control Register
Port 14
PUCR14
RW
0004B7H
I/O Port - Pull-Up resistor Control Register
Port 15
PUCR15
RW
0004B8H
I/O Port - Pull-Up resistor Control Register
Port 16
PUCR16
RW
0004B9H
I/O Port - Pull-Up resistor Control Register
Port 17
PUCR17
RW
0004BCH
I/O Port - External Pin State Register Port
00
EPSR00
R
0004BDH
I/O Port - External Pin State Register Port
01
EPSR01
R
0004BEH
I/O Port - External Pin State Register Port
02
EPSR02
R
0004BFH
I/O Port - External Pin State Register Port
03
EPSR03
R
0004C0H
I/O Port - External Pin State Register Port
04
EPSR04
R
Table 0-1 I/O map (24 / 53)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com