Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPQC-GE2 Datasheet(PDF) 8 Page - fujitsu semiconductor

Part # MB96F348CSAPQC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPQC-GE2 Datasheet(HTML) 8 Page - fujitsu semiconductor

Back Button MB96F348CSAPQC-GE2 Datasheet HTML 4Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 5Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 6Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 7Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 8Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 9Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 10Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 11Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 12Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 159 page
background image
MB96300 Series
Preliminary Specification
8
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
CAN Interface
(not available on
MB963xxA,
MB963xxC)
5 channels
2 channels
2 channels
2 channels
1 channel
MB96384R/Y,
MB96385R/Y:
1 channel
others:
2 channels
Supports CAN protocol version 2.0 part A and B
ISO16845 certified
Bit rates up to 1 Mbit/s
32 message objects
Each message object has its own identifier mask
Programmable FIFO mode (concatenation of message objects)
Maskable interrupt
Disabled Automatic Retransmission mode for Time Triggered CAN applications
Programmable loop-back mode for self-test operation
Stepping Motor
Controller
6 channels
5 channels
Four high current outputs for each channel
Two synchronized 8/10-bit PWMs per channel
Internal prescaling for PMW clock: 1, 1/2, 1/4, 1/5, 1/6, 1/8, 1/10, 1/12, 1/16 of peripheral clock
External
Interrupts
16 channels
15 channels
16 channels
13 channels
10 channels
8 channels
Edge sensitive or level sensitive
Interrupt mask and pending bit per channel
Each available CAN channel RX has an external interrupt for wake-up
Selected USART channels SIN have an external interrupt for wake-up
Non-Maskable
Interrupt
1 channel
Disabled after reset
Once enabled, can not be disabled other than by reset.
Level high or level low sensitive
Pin shared with external interrupt 0.
Sound Generator
1channel
2 channels
8-bit PWM signal is mixed with tone frequency from 16-bit reload counter
PWM clock by internal prescaler: 1, 1/2, 1/4, 1/8, 1/16 of peripheral clock
Tone frequency: PWM frequency / 2 / (reload value + 1)
LCD Controller
4 COM x 72
SEG
4 COM x 65
SEG
Display up to 288 segments
Duty cycle: Selectable from options: 1/2, 1/3 and 1/4
Bias: Fixed at 1/3
Frame period: Selectable from three options. (for clock, peripheral clock, subclock or RC oscillator clock
is selectable)
Driver: Built-in (for internal divider resistors), or external divider resistors
Data memory: Built-in 16-byte data memory for display
Stop mode: Enable LCD display in the sub-stop mode
Blank display: Selectable
Pin: All SEG and COM pins can be switched between general and specialized purposes
Others: External divided resistors can be also used to shut off the current when LCD is deactivated
Features
MB96V300
MB9632x
MB9634x
MB9635x
MB9636x
MB9638x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com