Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPQC-GE2 Datasheet(PDF) 39 Page - fujitsu semiconductor

Part # MB96F348CSAPQC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPQC-GE2 Datasheet(HTML) 39 Page - fujitsu semiconductor

Back Button MB96F348CSAPQC-GE2 Datasheet HTML 35Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 36Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 37Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 38Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 39Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 40Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 41Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 42Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 43Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 159 page
background image
Preliminary Specification
MB96300
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
39
94
P00_5
J
General purpose I/O
TTG2
Programmable Pulse Generator 2 trigger
IN6
Input Capture Unit ICU 6 data sample input
RDX
External bus Read Strobe
SEG17
LCD controller / driver segment output
95
P00_6
J
General purpose I/O
TTG3
Trigger for Programmable Pulse Generator 3
IN7
Input Capture Unit ICU7 data sample input
WRLX
External bus (16-bit data mode) low byte write strobe
WRX
External bus (8-bit data mode) write strobe
SEG18
LCD controller / driver segment output
96
P00_7
J
General purpose I/O
SGO0
SGO output of Sound Generator 0
CLK
External bus clock
SEG19
LCD controller / driver segment output
97
P01_0
J
General purpose I/O
SGA0
SGA output of Sound Generator 0
AD00
External bus (non-multiplexed mode) data line and External bus
(multiplexed mode) address/data line
SEG20
LCD controller / driver segment output
98
P01_1
J
General purpose I/O
OUT0
Output Compare Unit OCU0 waveform output
CKOT1
Output of Clock Output function 1
AD01
External bus (non-multiplexed mode) data line and External bus
(multiplexed mode) address/data line
SEG21
LCD controller / driver segment output
PIN DESCRIPTION FOR MB96(F)38X
Pin no.
Pin name
Circuit
type
Function
MB96(F)38x
LQFP120*1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com