Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPQC-GE2 Datasheet(PDF) 49 Page - fujitsu semiconductor

Part # MB96F348CSAPQC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPQC-GE2 Datasheet(HTML) 49 Page - fujitsu semiconductor

Back Button MB96F348CSAPQC-GE2 Datasheet HTML 45Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 46Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 47Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 48Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 49Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 50Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 51Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 52Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 53Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 159 page
background image
Preliminary Specification
MB96300
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
49
56
GP10_0
M
General purpose I/O
PWM1P4
Stepper Motor Controller 4 output
SIN2
USART 2 Serial data input
TIN3
Reload Timer 3 event input
57
GP10_1
M
General purpose I/O
PWM1M4
Stepper Motor Controller 4 output
SOT2
USART 2 Serial data output
TOT3
Reload Timer 3 output
58
GP10_2
M
General purpose I/O
PWM2P4
Stepper Motor Controller 4 output
SCK2
USART 2 clock
PPG6
Programmable Pulse Generator 6 output
59
GP10_3
M
General purpose I/O
PWM2M4
Stepper Motor Controller 4 output
PPG7
Programmable Pulse Generator 7 output
62, 63, 64
MD0, MD1,
MD2
C
Input pins for specifying the operating mode
The pins must be directly connected to VCC or VSS
30, 60, 90,
120
VCC
Power supply
1, 31, 61, 91
VSS
Power supply
41, 53,
DVCC
High current I/O power supply
42, 54
DVSS
High current I/O power supply
2
C
F
Internally regulated power supply stabilization capacitor pin. Please
refer to the datasheet for recommended capacitor values.
*1: FPT-120P-M21
PIN DESCRIPTION FOR MB96(F)38X
Pin no.
Pin name
Circuit
type
Function
MB96(F)38x
LQFP120*1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com