Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPQC-GE2 Datasheet(PDF) 53 Page - fujitsu semiconductor

Part # MB96F348CSAPQC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPQC-GE2 Datasheet(HTML) 53 Page - fujitsu semiconductor

Back Button MB96F348CSAPQC-GE2 Datasheet HTML 49Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 50Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 51Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 52Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 53Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 54Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 55Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 56Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 57Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 159 page
background image
Preliminary Specification
MB96300
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
53
K
CMOS level output (programmable IOL = 5mA,
IOH = -5mA and IOL = 2mA, IOH = -2mA)
2 different CMOS hysteresis inputs with input
shutdown function
Automotive input with input shutdown function)
TTL input with input shutdown function
Programmable pull-up registor: 50k
Ω approx.
Analogue input
SEG output
L
CMOS level output (programmable IOL = 5mA,
IOH = -5mA and IOL = 2mA, IOH = -2mA)
2 different CMOS hysteresis inputs with input
shutdown function
Automotive input with input shutdown function)
TTL input with input shutdown function
Programmable pull-up registor:50k
Ω approx.
Analogue input
Type
Circuit
Remarks
Pout
pull-up control
Nout
R
Hysteresis input
Automotive inputs
TTL input
Standby control for
input shutdown
Hysteresis input
Analog input
SEG output
Pout
pull-up control
Nout
R
Hysteresis input
Automotive inputs
TTL input
Standby control for
input shutdown
Hysteresis input
Analog input
SEG output
V input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com