Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPQC-GE2 Datasheet(PDF) 37 Page - fujitsu semiconductor

Part # MB96F348CSAPQC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPQC-GE2 Datasheet(HTML) 37 Page - fujitsu semiconductor

Back Button MB96F348CSAPQC-GE2 Datasheet HTML 33Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 34Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 35Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 36Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 37Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 38Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 39Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 40Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 41Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 159 page
background image
Preliminary Specification
MB96300
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
37
78, 79
P11_7,
P12_0
J
General purpose I/O
IN0_R,IN1_R
Input Capture Unit relocated input pin
A08, A09
External bus (non-multiplexed mode) address lines
SEG3, SEG4
LCD controller / driver segment output
80
P12_1
J
General purpose I/O
TIN1_R
Relocated event input pin for Reload Timer 1
A10
External bus (non-multiplexed mode) address line
SEG5
LCD controller / driver segment output
81
P12_2
J
General purpose I/O
TOT1_R
Relocated output pin for Reload Timer 1
A11
External bus (non-multiplexed mode) address line
SEG6
LCD controller / driver segment output
82, 83
P12_3,
P12_4
J
General purpose I/O
OUT2_R,
TOT2_R
Relocated waveform output pins of Output Compare Units
A12, A13
External bus (non-multiplexed mode) address lines
SEG7, SEG8
LCD controller / driver segment outputs
84
P12_5
J
General purpose I/O
TIN2_R
Relocated event input pin for Reload Timer 2
A14
External bus (non-multiplexed mode) address line
SEG9
LCD controller / driver segment output
85
P12_6
J
General purpose I/O
TOT2_R
Relocated output pin for Reload Timer 2
A15
External bus (non-multiplexed mode) address line
SEG10
LCD controller / driver segment output
PIN DESCRIPTION FOR MB96(F)38X
Pin no.
Pin name
Circuit
type
Function
MB96(F)38x
LQFP120*1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com