Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6T Datasheet(PDF) 52 Page - STMicroelectronics

Part # UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Datasheet(HTML) 52 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 48Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 49Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 50Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 51Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 52Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 53Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 54Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 55Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 293 page
background image
Interrupt system
uPSD34xx
52/293
13
Interrupt system
The uPSD34xx has an 12-source, two priority level interrupt structure summarized in
Table 16.
Firmware may assign each interrupt source either high or low priority by writing to bits in the
SFRs named, IP and IPA, shown in Table 16. An interrupt will be serviced as long as an
interrupt of equal or higher priority is not already being serviced. If an interrupt of equal or
higher priority is being serviced, the new interrupt will wait until it is finished before being
serviced. If a lower priority interrupt is being serviced, it will be stopped and the new
interrupt is serviced. When the new interrupt is finished, the lower priority interrupt that was
stopped will be completed. If new interrupt requests are of the same priority level and are
received simultaneously, an internal polling sequence determines which request is selected
for service. Thus, within each of the two priority levels, there is a second priority structure
determined by the polling sequence.
Firmware may individually enable or disable interrupt sources by writing to bits in the SFRs
named, IE and IEA, shown in Table 16 on page 53. The SFR named IE contains a global
disable bit (EA), which can be cleared to disable all 12 interrupts at once, as shown in
Table 17 on page 56. Figure 13 on page 54 illustrates the interrupt priority, polling, and
enabling process.
Each interrupt source has at least one interrupt flag that indicates whether or not an
interrupt is pending. These flags reside in bits of various SFRs shown in Table 16 on
page 53.
All of the interrupt flags are latched into the interrupt control system at the beginning of each
MCU machine cycle, and they are polled at the beginning of the following machine cycle. If
polling determines one of the flags was set, the interrupt control system automatically
generates an LCALL to the user’s Interrupt Service Routine (ISR) firmware stored in
program memory at the appropriate vector address.
●
The specific vector address for each of the interrupt sources are listed in Table 16 on
page 53. However, this LCALL jump may be blocked by any of the following conditions:
●
An interrupt of equal or higher priority is already in progress
●
The current machine cycle is not the final cycle in the execution of the instruction in
progress
●
The current instruction involves a write to any of the SFRs: IE, IEA, IP, or IPA
●
The current instruction is an RETI
Note:
Interrupt flags are polled based on a sample taken in the previous MCU machine cycle. If an
interrupt flag is active in one cycle but is denied serviced due to the conditions above, and
then later it is not active when the conditions above are finally satisfied, the previously
denied interrupt will not be serviced. This means that active interrupts are not remembered.
Every poling cycle is new.
Assuming all of the listed conditions are satisfied, the MCU executes the hardware
generated LCALL to the appropriate ISR. This LCALL pushes the contents of the PC onto
the stack (but it does not save the PSW) and loads the PC with the appropriate interrupt
vector address. Program execution then jumps to the ISR at the vector address.
Execution precedes in the ISR. It may be necessary for the ISR firmware to clear the
pending interrupt flag for some interrupt sources, because not all interrupt flags are
automatically cleared by hardware when the ISR is called, as shown in Table 16 on page 53.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com