Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6T Datasheet(PDF) 75 Page - STMicroelectronics

Part # UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Datasheet(HTML) 75 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 71Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 72Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 73Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 74Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 75Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 76Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 77Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 78Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 293 page
background image
uPSD34xx
I/O ports of mcu module
75/293
outputting a 0-to-1 transition. Only the low-side driver and the internal weak pull-ups are
used. Only Port 3 supports open-drain mode (Figure 18 on page 72). I2C requires the use of
an external pull-up resistor on each bus signal, typically 4.7K
Ω to V
CC.
If the alternate function is PCA output, then the related pins are in push-pull mode, meaning
the pins are actively driven and held to logic '1' by the high-side driver, or actively driven and
held to logic '0' by the low-side driver. Only Port 4 supports push-pull mode (Figure 19 on
page 72). Port 4 push-pull pins can source IOH current when driving logic '1,' and sink IOL
current when driving logic '0.' This current is significantly more than the capability of pins on
Port 1 or Port 3 (see Table 156 on page 265).
For example, to assign these port functions:
●
Port 1: UART1, ADC[1:0], P1[7:4] are GPIO
●
Port 3: UART0, I2C, P3[5:2] are GPIO
●
Port 4: TCM0, SPI, P4[3:1] are GPIO
The following values need to be written to the SFRs:
P1SFS0 = 00001111b, or 0Fh
P1SFS1 = 00000011b , or 03h
P3SFS = 11000011b, or C3h
P4SFS0 = 11110001b, or F1h
P4SFS1 = 11110000b, or F0h
Table 30.
P3SFS: Port 3 Special Function Select Register (SFR 91h, reset value
00h)
Table 31.
P1SFS0: Port 1 Special Function Select 0 Register (SFR 8Eh, reset value
00h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P3SFS7
P3SFS6
P3SFS5
P3SFS4
P3SFS3
P3SFS2
P3SFS1
P3SFS0
Port 3 Pin
R/W
Default Port Function
Alternate Port Function
P3SFS[i] - 0; Port 3 Pin, i = 0..7
P3SFS[i] - 1; Port 3 Pin, i = 0..7
0
R,W
GPIO
UART0 Receive, RXD0
1
R,W
GPIO
UART0 Transmit, TXD0
2
R,W
GPIO
Ext Intr 0/Timer 0 Gate,
EXT0INT/TG0
3
R,W
GPIO
Ext Intr 1/Timer 1 Gate,
EXT1INT/TG1
4
R,W
GPIO
Counter 0 Input, C0
5
R,W
GPIO
Counter 0 Input, C1
6
R,W
GPIO
I2C Data, I2CSDA
7
R,W
GPIO
I2C Clock, I2CCL
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P1SF07
P1SF06
P1SF05
P1SF04
P1SF03
P1SF02
P1SF01
P1SF00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com