Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6T Datasheet(PDF) 79 Page - STMicroelectronics

Part # UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Datasheet(HTML) 79 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 75Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 76Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 77Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 78Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 79Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 80Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 81Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 82Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 293 page
background image
uPSD34xx
MCU bus interface
79/293
A[10:8] and the remaining pins can be configured for other functions such as generating
chip selects to the external devices.
Figure 20.
Connecting external devices using ports A and B for address AD[15:0]
Figure 21.
Connecting external devices using port A and an external latch for
address AD[15:0]
18.4
Programmable bus timing
The length of the bus cycles are user programmable at run time. The number of MCU_CLK
periods in a bus cycle can be specified in the SFR register named BUSCON (see Table 37
on page 81). By default, the BUSCON Register is loaded with long bus cycle times (6
MCU_CLK periods) after a reset condition. It is important that the post-reset initialization
firmware sets the bus cycle times appropriately to get the most performance, according to
Table 38 on page 82. Keep in mind that the PSD Module has a faster Turbo Mode (default)
and a slower but less power consuming Non-Turbo Mode. The bus cycle times must be
programmed in BUSCON to optimize for each mode as shown in Table 38. See
Section 28.5: PSD module detailed operation on page 201 for more details.
uPSD34xx
PSD
Module
External
8-bit
Device
MCU
Module
AI10434
AD[7:0]
D[7:0]
A8-15
A0-7
Port A
CS
Port B
AD[15:8]
PSEN
ALE
RD or WR
RD or WR
uPSD34xx
PSD
Module
External
8-bit
Device
L
A
T
C
H
MCU
Module
AI10435
AD[7:0]
D[7:0]
A7-0
A8-15
CS
Port B
AD[15:8]
PSEN
ALE
RD or WR
RD or WR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com