Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6T Datasheet(PDF) 2 Page - STMicroelectronics

Part # UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Datasheet(HTML) 2 Page - STMicroelectronics

  UPSD3422EB40U6T Datasheet HTML 1Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 2Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 3Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 4Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 5Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 6Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 7Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 8Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 293 page
background image
uPSD34xx
2/293
Note:
Operating temperature is in the Industrial range (–40°C to 85°C).
Table 1.
Device Summary
Part Number
Max
MHz
1st
Flash
2nd
Flash
SRAM
GPIO
8032
Bus
VCC
VDD
Pkg.
(bytes)
uPSD3422E-40T6
40
64K
32K
4K
35
No
3.3V
5.0V
TQFP52
uPSD3422EV-40T6
40
64K
32K
4K
35
No
3.3V
3.3V
TQFP52
uPSD3422E-40U6
40
64K
32K
4K
46
Yes
3.3V
5.0V
TQFP80
uPSD3422EV-40U6
40
64K
32K
4K
46
Yes
3.3V
3.3V
TQFP80
uPSD3433E-40T6
40
128K
32K
8K
35
No
3.3V
5.0V
TQFP52
uPSD3433EV-40T6
40
128K
32K
8K
35
No
3.3V
3.3V
TQFP52
uPSD3433E-40U6
40
128K
32K
8K
46
Yes
3.3V
5.0V
TQFP80
uPSD3433EV-40U6
40
128K
32K
8K
46
Yes
3.3V
3.3V
TQFP80
uPSD3434E-40T6
40
256K
32K
8K
35
No
3.3V
5.0V
TQFP52
uPSD3434EV-40T6
40
256K
32K
8K
35
No
3.3V
3.3V
TQFP52
uPSD3434E-40U6
40
256K
32K
8K
46
Yes
3.3V
5.0V
TQFP80
uPSD3434EV-40U6
40
256K
32K
8K
46
Yes
3.3V
3.3V
TQFP80
uPSD3454E-40T6
40
256K
32K
32K
35
No
3.3V
5.0V
TQFP52
uPSD3454EV-40T6
40
256K
32K
32K
35
No
3.3V
3.3V
TQFP52
uPSD3454E-40U6
40
256K
32K
32K
46
Yes
3.3V
5.0V
TQFP80
uPSD3454EV-40U6
40
256K
32K
32K
46
Yes
3.3V
3.3V
TQFP80
uPSD3422EB40T6
40
64K
32K
4K
35
No
3.3V
5.0V
TQFP52
uPSD3422EVB40T6
40
64K
32K
4K
35
No
3.3V
3.3V
TQFP52
uPSD3422EB40U6
40
64K
32K
4K
46
Yes
3.3V
5.0V
TQFP80
uPSD3422EVB40U6
40
64K
32K
4K
46
Yes
3.3V
3.3V
TQFP80
uPSD3433EB40T6
40
128K
32K
8K
35
No
3.3V
5.0V
TQFP52
uPSD3433EVB40T6
40
128K
32K
8K
35
No
3.3V
3.3V
TQFP52
uPSD3433EB40U6
40
128K
32K
8K
46
Yes
3.3V
5.0V
TQFP80
uPSD3433EVB40U6
40
128K
32K
8K
46
Yes
3.3V
3.3V
TQFP80
uPSD3434EB40T6
40
256K
32K
8K
35
No
3.3V
5.0V
TQFP52
uPSD3434EVB40T6
40
256K
32K
8K
35
No
3.3V
3.3V
TQFP52
uPSD3434EB40U6
40
256K
32K
8K
46
Yes
3.3V
5.0V
TQFP80
uPSD3434EVB40U6
40
256K
32K
8K
46
Yes
3.3V
3.3V
TQFP80
uPSD3454EB40T6
40
256K
32K
32K
35
No
3.3V
5.0V
TQFP52
uPSD3454EVB40T6
40
256K
32K
32K
35
No
3.3V
3.3V
TQFP52
uPSD3454EB40U6
40
256K
32K
32K
46
Yes
3.3V
5.0V
TQFP80
uPSD3454EVB40U6
40
256K
32K
32K
46
Yes
3.3V
3.3V
TQFP80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com