Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6T Datasheet(PDF) 83 Page - STMicroelectronics

Part # UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Datasheet(HTML) 83 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 79Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 80Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 81Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 82Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 83Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 84Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 85Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 86Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 293 page
background image
uPSD34xx
Supervisory functions
83/293
19
Supervisory functions
Supervisory circuitry on the MCU Module will issue an internal reset signal to the MCU
Module and simultaneously to the PSD Module as a result of any of the following four
events:
●
The external RESET_IN pin is asserted
●
The Low Voltage Detect (LVD) circuitry has detected a voltage on VCC below a specific
threshold (power-on or voltage sags)
●
The JTAG Debug interface has issued a reset command
●
The Watch Dog Timer (WDT) has timed out
The resulting internal reset signal, MCU_RESET, will force the 8032 into a known reset state
while asserted, and then 8032 program execution will jump to the reset vector at program
address 0000h just after MCU_RESET is deasserted. The MCU Module will also assert an
active low internal reset signal, RESET, to the PSD Module. If needed, the signal RESET
can be driven out to external system components through any PLD output pin on the PSD
Module. When driving this “RESET_OUT” signal from a PLD output, the user can choose to
make it either active-high or active-low logic, depending on the PLD equation.
19.1
External reset input pin, RESET_IN
The RESET_IN pin can be connected directly to a mechanical reset switch or other device
which pulls the signal to ground to invoke a reset.
RESET_IN is pulled up internally and enters a Schmitt trigger input buffer with a voltage
hysteresis of VRST_HYS for immunity to the effects of slow signal rise and fall times, as
shown in Figure 23. RESET_IN is also filtered to reject a voltage spike less than a duration
of tRST_FIL. The RESET_IN signal must be maintained at a logic '0' for at least a duration of
tRST_LO_IN while the oscillator is running. The resulting MCU_RESET signal will last only as
long as the RESET_IN signal is active (it is not stretched). Refer to the Supervisor AC
specifications in Table 178 on page 279 at the end of this document for these parameter
values.
Figure 23.
Supervisor reset generation
Q
S
MCU
Clock
Sync
Noise Filter
VCC
PIN
PULL-UP
DELAY,
tRST_ACTV
R
AI09603
RESET_IN
RESET
to PSD Module
MCU_RESET
to MCU and
Peripherals
LVD
JTAG Debug
WDT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com