Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6T Datasheet(PDF) 76 Page - STMicroelectronics

Part # UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Datasheet(HTML) 76 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 72Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 73Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 74Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 75Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 76Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 77Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 78Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 79Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 293 page
background image
I/O ports of mcu module
uPSD34xx
76/293
Table 32.
P1SFS1: Port 1 Special Function Select 1 Register (SFR 8Fh, reset value
00h)
Table 33.
P1SFS0 and P1SFS1 Details
Table 34.
P4SFS0: Port 4 Special Function Select 0 Register (SFR 92h, reset value
00h)
Table 35.
P4SFS1: Port 4 Special Function Select 1 Register (SFR 93h, reset value
00h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P1SF17
P1SF16
P1SF15
P1SF14
P1SF13
P1SF12
P1SF11
P1SF10
Port 1 Pin
R/W
Default Port Function
Alternate 1 Port
Function
Alternate 2 Port
Function
P1SFS0[i] = 0
P1SFS1[i] = x
P1SFS0[i] = 1
P1SFS1[i] = 0
P1SFS0[i] = 1
P1SFS1[i] = 1
Port 1 Pin, i = 0.. 7
Port 1 Pin, i = 0.. 7
Port 1 Pin, i = 0.. 7
0
R,W
GPIO
Timer 2 Count Input, T2
ADC Chn 0 Input,
ADC0
1
R,W
GPIO
Timer 2 Trigger Input,
TX2
ADC Chn 1 Input,
ADC1
2
R,W
GPIO
UART1 Receive, RXD1
ADC Chn 2 Input,
ADC2
3
R,W
GPIO
UART1 Transmit, TXD1
ADC Chn 3 Input,
ADC3
4
R,W
GPIO
SPI Clock, SPICLK
ADC Chn 4 Input,
ADC4
5
R,W
GPIO
SPI Receive, SPIRXD
ADC Chn 5 Input,
ADC5
6
R,W
GPIO
SPI Transmit, SPITXD
ADC Chn 6 Input,
ADC6
7
R,W
GPIO
SPI Select, SPISEL_
ADC Chn 7 Input,
ADC7
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P4SF07
P4SF06
P4SF05
P4SF04
P4SF03
P4SF02
P4SF01
P4SF00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P4SF17
P4SF16
P4SF15
P4SF14
P4SF13
P4SF12
P4SF11
P4SF10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com