Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6T Datasheet(PDF) 12 Page - STMicroelectronics

Part # UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 8Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 9Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 10Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 11Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 12Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 13Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 14Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 15Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 293 page
background image
Pin descriptions
uPSD34xx
12/293
Figure 4.
TQFP80 connections
Note:
NC = Not Connected
Note:
1
The USB+ pin needs a 1.5k
Ω pull-up resistor.
2
For 5V applications, VDD must be connected to a 5.0V source. For 3.3V applications, VDD
must be connected to a 3.3V source.
3
These signals can be used on one of two different ports (Port 1 or Port 4) for flexibility.
Default is Port1.
60 P1.5/SPIRXD(3)/ADC5
59 P1.4/SPICLK(3)/ADC4
58 P1.3/TXD1(IrDA)(3)/ADC3
57 NC
56 P1.2/RXD1(IrDA)(3)/ADC2
55 NC
54 P1.1/T2X(3)/ADC1
53 NC
52 P1.0/T2(3)/ADC0
51 NC
50 VDD
(1)
49 XTAL2
48 XTAL1
47 MCU AD7
46 P3.7/SCL
45 MCU AD6
44 P3.6/SDA
43 MCU AD5
42 P3.5/C1
41 MCU AD4
PD2/CSI
P3.3/TG1/EXINT1
PD1/CLKIN
ALE
PC7
JTAG TDO
JTAG TDI
DEBUG
PC4/TERR
3.3V VCC
USB+(1)
VDD
(2)
GND
USB–
PC3/TSTAT
PC2/VSTBY
JTAG TCK
SPISEL(2)/PCACLK1/P4.7
SPITXD(2)/TCM5/P4.6
JTAG TMS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
AI09697b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com