Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3984ESA Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AX3984ESA
Description  23V/3A High Efficiency Synchronous Rectified Step Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3984ESA Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AX3984ESA Datasheet HTML 1Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 2Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 3Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 4Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.1 Nov.05, 2019
AX3984
PIN ASSIGNMENT
The package of AX3984 ; the pin assignment is given by:
1
6
5
3
2
SS
COMP
BST
IN
SW
4
7
8
GND
EN
FB
TOP VIEW
EXPOSED PAD ON BACKSIDE
Name
Description
BST
High Side Gate Drive Boost Input
It is required to connect SW and BST by a capacitor, which is able to boost the
gate drive to the internal NMOS above VIN to fully turn it ON.
VIN
Power Supply
The input voltage for the power supply is connected to this pin.
SW
Power Switch Output
This is the output of a power MOSFET switch.
GND
Ground
This is the reference of the ground connection for all components in the power
Supply.
FB
Voltage Feedback
This is the input to an error amplifier, which drives the PWM controller. It is
necessary to connect this pin to the actual output of power supply to set the DC
output voltage.
COMP
Compensation
This pin is to compensate the regulation control loop by connecting a series of RC
network from COMP pin to GND pin.
EN
Enable (floating of this pin not recommended )
This input provides an electrical ON/OFF control of the power supply. If the EN pin
is open, it will be pulled to high by the internal circuit.
SS
Soft-Start
This pin is connected to an external capacitor, which is between the SS pin and
GND to control soft-start time.
This externally connected 0.1μF capacitor is able to set the soft-start period to
28ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com