Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3984ESA Datasheet(PDF) 8 Page - AXElite technology co. ltd

Part # AX3984ESA
Description  23V/3A High Efficiency Synchronous Rectified Step Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3984ESA Datasheet(HTML) 8 Page - AXElite technology co. ltd

Back Button AX3984ESA Datasheet HTML 4Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 9Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 10Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 11Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 12Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.1 Nov.05, 2019
AX3984
Detailed Description
The part is a current mode PWM synchronous step-down converter with a constant switching
frequency. It regulates the input voltage from 4.5V to 23V and a low output voltage of
0.925V.The supplied load current is up to 3A.
Power Saving Mode
The switching losses resulted from the Miller capacitance of the MOSFET are the dominant power
dissipation parameters at light load. The power saving mode at light load can minimize the
switching loss by reducing the switching frequency. Therefore, the part is designed as the power
saving mode for high efficiency at light load.
Oscillator Frequency
Slope compensated current mode PWM control provides not only stable switching and
cycle-by-cycle current limit for superior load and line response but also protection of the internal
main switch and synchronous rectifier. The part switches at a constant frequency (FSW) and
regulates the output voltage. The PWM comparator modulates the power transferred to the load
by changing the inductor’s peak current based on the feedback error voltage during each cycle.
The main switch is turned on for a certain period to ramp the inductor’s current at each rising
edge of the internal oscillator under normal operation whereas off when the inductor’s peak
current is above the error voltage. After the main switch is turned off, the low side MOS will
be turned on immediately and stay on until the next cycle starts.
Short Circuit Protection
The part provides short circuit protection. When the output is shorted to ground, the oscillator’s
frequency is reduced to prevent the inductor’s current from increasing beyond the NMOS
current limit. The NMOS current limit is also reduced to lower the short circuit current. The
frequency and current limit will return to the normal values once the short circuit condition is
removed and the feedback voltage reaches VFB.
Maximum Load current
The part can operate down to 4.5V input voltage; however the maximum load current
decreases at lower input due to large IR voltage drop on the main switch and low side switch.
The slope compensation signal reduces the inductor’s peak current as a function of the duty cycle
to prevent sub-harmonic oscillations at duty cycles greater than 50%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com