Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3984ESA Datasheet(PDF) 9 Page - AXElite technology co. ltd

Part # AX3984ESA
Description  23V/3A High Efficiency Synchronous Rectified Step Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3984ESA Datasheet(HTML) 9 Page - AXElite technology co. ltd

Back Button AX3984ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 9Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 10Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 11Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 12Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 13Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.1 Nov.05, 2019
AX3984
Enable
The EN pin provides electrical on/off control of the regulator. Once the voltage of the EN pin
exceeds the threshold voltage, the regulator starts operation and the internal slow start begins to
ramp. If the voltage of the EN pin is pulled below the threshold, the regulator will stop switching
and the internal slow start reset. If the EN pin is open, it will be pulled to high by the internal circuit.
Under Voltage Lockout
The part incorporates an under voltage lockout circuit to keep the device disabled when VIN is
below the UVLO start threshold. During power-up, the internal circuit is held inactive until VIN
exceeds the UVLO start threshold voltage. Once this threshold voltage is reached, device start-up
begins. The device operates until VIN falls below the UVLO stop threshold voltage. The typical
hysteretic in the UVLO comparator is 250mV.
Soft-Start
The built-in soft-start function is to gradually raise the output voltage after power-on. The soft-start
period can be set by the external capacitor, which is between the SS pin and GND.
Css
Tss
10nF
2.8ms
100nF
28ms
Boost Capacitor
The BST pin and SW pin can be connected by a 10nF low ESR ceramic capacitor, providing the
gate drive voltage for the high side MOSFET.
Thermal Shutdown
The part protects itself from overheating with an internal thermal shutdown circuit. If the junction
temperature exceeds the thermal shutdown threshold, the voltage reference will be grounded and
high side MOSFET turned off.
Compensation
The system stability is controlled through COMP pin. It will present a general design procedure to
ensure a stable and operational circuit. The design in this data sheet is optimized for particular
requirements. Some components may need to be changed to ensure stability if there are different
requirements. First of all, the power components and their corresponding effects need to be
determined. Following are the compensation components, which are to produce stability.
The compensation steps for the converter are listed below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com