Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3984ESA Datasheet(PDF) 5 Page - AXElite technology co. ltd

Part # AX3984ESA
Description  23V/3A High Efficiency Synchronous Rectified Step Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3984ESA Datasheet(HTML) 5 Page - AXElite technology co. ltd

  AX3984ESA Datasheet HTML 1Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 2Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 3Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 4Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.1 Nov.05, 2019
AX3984
ELECTRICAL CHARACTERISTICS
TA = +25°C, VIN = 12V, unless otherwise noted.
Characteristics
Conditions
Min
Typ
Max
Units
Supply Voltage
4.5
23
V
Shutdown Supply Current
VEN = 0V
10
μA
Regulated Feedback Voltage
4.5V≦VIN≦23V
0.9
0.925
0.95
V
Error Amplifier Transconductance
△ICOMP = ±10μA
700
μA/V
Current Sense to COMP
Transconductance
2.2
A/V
Current Limit
4.3
A
SW Leakage Current
VEN = 0V, VSW = 0V
10
μA
High Side On Resistance
0.13
Ω
Low Side On Resistance
0.10
Ω
Oscillation Frequency
260
330
400
KHz
Short Circuit Oscillation
Frequency
VFB=0V
82.5
kHz
Maximum Duty Cycle
VFB=0.7V
90
%
Minimum Duty Cycle
VFB=1.1V
0
%
Minimum On Time
100
ns
Under Voltage Lockout Threshold
VIN Rising
3.85
4.1
4.35
V
Under Voltage Lockout Threshold
Hysteresis
250
mV
Thermal Shutdown Threshold
155
℃
EN High Level
2.8
V
EN Low Level
0.6
V
EN Input Current
VEN = 0V
3
3.6
μA
Soft-Start Current
VSS=0V
5.3
uA
Soft-Start Period
Css=0.1uF
28
mS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com