Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3984ESA Datasheet(PDF) 16 Page - AXElite technology co. ltd

Part # AX3984ESA
Description  23V/3A High Efficiency Synchronous Rectified Step Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3984ESA Datasheet(HTML) 16 Page - AXElite technology co. ltd

Back Button AX3984ESA Datasheet HTML 9Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 10Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 11Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 12Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 13Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 14Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 15Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 16Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 17Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.1 Nov.05, 2019
AX3984
PACKAGE OUTLINES
Package Outline Dimensions
SOP 8L (EP) Package Outline Dimensions
D1
b
e
D
SYMBOLS
MILLIMETERS
INCHES
MIN.
MAX.
MIN.
MIN.
A
1.35
1.75
0.053
0.069
A1
0.00
0.15
0.000
0.006
D
4.7
5.1
0.185
0.200
E1
3.7
4.1
0.145
0.161
D1
2.90
3.50
0.114
0.138
E2
2.00
2.50
0.080
0.098
E
5.80
6.20
0.228
0.244
L
0.40
1.27
0.016
0.050
b
0.31
0.51
0.012
0.020
e
1.16
1.37
0.046
0.054



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com