Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3984ESA Datasheet(PDF) 12 Page - AXElite technology co. ltd

Part # AX3984ESA
Description  23V/3A High Efficiency Synchronous Rectified Step Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3984ESA Datasheet(HTML) 12 Page - AXElite technology co. ltd

Back Button AX3984ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 9Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 10Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 11Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 12Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 13Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 14Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 15Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 16Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.1 Nov.05, 2019
AX3984
Number Of Capacitors
MAX
CAP
ESR
ESR
△VESR = change in output voltage due to ESR
△IOUT = load transient.
ESRCAP = maximum ESR per capacitor (specified in manufacturer’s data sheet).
ESRMAX = maximum allowable ESR.
High frequency decoupling capacitors should be placed as close to the power pins of the load as
physically possible. For the decoupling requirements, please consult the capacitor manufacturers
for confirmation.
Output Voltage
The output voltage is set using the FB pin and a resistor divider connected to the output as shown
in the following AP Circuit. The output voltage (Vout) can be calculated according to the voltage of
the FB pin (VFB) and ratio of the feedback resistors by the following equation, where (VFB) is
0.925V:
)
R
R
(
R
V
V
2
1
2
out
FB
Thus the output voltage is:
2
2
1
out
R
)
R
R
(
925
.
0
V
External Bootstrap Diode
When the condition of Duty Cycle>65% occurs, it is strongly recommended to add an external
bootstrap diode (such as IN4148 or BAT54) between an external 5V and BST pin for efficiency
improvement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com