Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3984ESA Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX3984ESA
Description  23V/3A High Efficiency Synchronous Rectified Step Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3984ESA Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX3984ESA Datasheet HTML 1Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 2Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 3Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 4Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3984ESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.1 Nov.05, 2019
AX3984
ORDER/MARKING INFORMATION
Order Information
Top Marking
Package Type
ES: SOP-8L-EP
AX3984 XX X
Packing
A : Taping
Blank : Tube
AX 3
Logo
Part number
ID code: internal
WW: 01~52
Y Y W W X
9 8 4
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
:
45=2045
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage …
+26V
SW Voltage
....... ..
… - 1V to 27V
<10nS ................
.. (-5V to 30V)
EN Voltage ……. ......... - 0.3 to VIN+0.3V
Other Pins ……… …… - 0.3V to +6V
Boost Voltage ...........
.... Vsw+6V
ESD Classification …… ……
.. Class 2
Junction Temperature Range …. . -40oC to 150°C
Storage Temperature Range ….… -65oC to 150°C
Lead Temperature (Soldering10s).. .. 260°C
Thermal information (Note3,4)
Maximum Power Dissipation(TA=+25°C ) ……
1.961W
Thermal resistance(θJA) …………. 51°C/W
Thermal resistance(θJC) …………. 13°C/W
Recommend Operating Conditions (Note2)
Input Voltage (VIN) ……… +4.5V to +23V
Operating Temperature Range .-40°C to +85°C
Junction Temperature Range …...……. 135°C
Note (1): Stress exceeding those listed “Absolute Maximum Ratings” may damage the
device.
Note (2): The device is not guaranteed to function outside of the recommended operating
conditions.
Note (3): Measured on JESD51-7, 4-Layer PCB.
Note (4): The maximum allowable power dissipation is a function of the maximum junction
temperature TJ_MAX, the junction to ambient thermal resistance θJA, and the ambient temperature TA.
The maximum allowable continuous power dissipation at any ambient temperature is calculated by
PD_MAX= (TJ_MAX-TA)/θJA. Exceeding the maximum allowable power dissipation will cause excessive
die temperature, and the regulator will go into thermal shutdown. Internal thermal shutdown
circuitry protects the device from permanent damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com