Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6607 Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AX6607
Description  600mA LDO Linear Regulator with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6607 Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AX6607 Datasheet HTML 1Page - AXElite technology co. ltd AX6607 Datasheet HTML 2Page - AXElite technology co. ltd AX6607 Datasheet HTML 3Page - AXElite technology co. ltd AX6607 Datasheet HTML 4Page - AXElite technology co. ltd AX6607 Datasheet HTML 5Page - AXElite technology co. ltd AX6607 Datasheet HTML 6Page - AXElite technology co. ltd AX6607 Datasheet HTML 7Page - AXElite technology co. ltd AX6607 Datasheet HTML 8Page - AXElite technology co. ltd AX6607 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.3.3 Nov.11, 2019
AX6607
Appendix
Part Number
Identification Code
Part Number
Identification Code
AX6607-ADJ
FA
AX6607-2.6V
Fj
AX6607-1.2V
Fh
AX6607-2.7V
Fp
AX6607-1.5V
Fi
AX6607-2.8V
Fn
AX6607-1.8V
Fk
AX6607-3.0V
Fr
AX6607-2.5V
Fm
AX6607-3.3V
Fs
ABSOLUTE MAXIMUM RATINGS (at TA=25 ºC)
Characteristics
Symbol
Rating
Unit
VIN Pin Voltage
VIN
GND - 0.3 to 7
V
Output Voltage
VOUT
GND - 0.3 to 7
V
Enable Voltage
VEN
GND - 0.3 to 7
V
Feedback Voltage
VFB
GND - 0.3 to 7
V
Power Dissipation
SOT-23-5L
PD
400
mW
TDFN-6L
830
Storage Temperature Range
TST
-40 to +150
ºC
Operating Temperature Range
TOP
-40 to +85
ºC
Junction Temperature
TJ
-40 to +125
ºC
Thermal Resistance from
Junction to case
SOT-23-5L
θJC
180
ºC/W
TDFN-6L
25
Thermal Resistance from
Junction to ambient
SOT-23-5L
θJA
250
ºC/W
TDFN-6L
120
Note : θJA is measured with the PCB copper area of approximately 1 in2(Multi-layer). That need connect to GND
(exposed pad) pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com