Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6607 Datasheet(PDF) 6 Page - AXElite technology co. ltd

Part # AX6607
Description  600mA LDO Linear Regulator with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6607 Datasheet(HTML) 6 Page - AXElite technology co. ltd

Back Button AX6607 Datasheet HTML 2Page - AXElite technology co. ltd AX6607 Datasheet HTML 3Page - AXElite technology co. ltd AX6607 Datasheet HTML 4Page - AXElite technology co. ltd AX6607 Datasheet HTML 5Page - AXElite technology co. ltd AX6607 Datasheet HTML 6Page - AXElite technology co. ltd AX6607 Datasheet HTML 7Page - AXElite technology co. ltd AX6607 Datasheet HTML 8Page - AXElite technology co. ltd AX6607 Datasheet HTML 9Page - AXElite technology co. ltd AX6607 Datasheet HTML 10Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6/12
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.3.3 Nov.11, 2019
AX6607
FUNCTION DESCRIPTIONS
A minimum of 1μF capacitor must be connected from VOUT to ground to insure stability.
Typically a large storage capacitor is connected from VIN to ground to ensure that the input
voltage does not sag below the minimum dropout voltage during the load transient response.
This pin must always be dropout voltage higher than VOUT in order for the device to regulate
properly.
APPLICATION INFORMATION
Like any low-dropout regulator, the AX6607 requires input and output decoupling
capacitors. The device is specifically designed for portable applications requiring minimum
board space and smallest components. These capacitors must be correctly selected for
good performance. Please note that linear regulators with a low dropout voltage have high
internal loop gains which require care in guarding against oscillation caused by insufficient
decoupling capacitance.
Capacitor Selection
Normally, use a 1μF capacitor on the input and a 1μF capacitor on the output of the
AX6607. Larger input capacitor values and lower ESR (X5R, X7R) provide better
supply-noise rejection and transient response. A higher- value output capacitor (2.2μF) may
be necessary if large, fast transients are anticipated and the device is located several inches
from the power source.
Input-Output (Dropout) Voltage
A regulator's minimum input-to-output voltage differential (dropout voltage) determines
the lowest usable supply voltage. In battery-powered systems, this determines the useful
end-of-life battery voltage. Because the device uses a PMOS, its dropout voltage is a
function of drain-to source on-resistance, RDS (ON), multiplied by the load current:
VDROPOUT = VIN -VOUT = RDS (ON) x IOUT
Current Limit and Thermal Shutdown Protection
In order to prevent overloading or thermal condition from damaging the device,
AX6607 regulator has internal thermal and current limiting functions designed to protect the
device. It will rapidly shut off PMOS pass element during overloading or over temperature
condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com