Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6607 Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX6607
Description  600mA LDO Linear Regulator with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6607 Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX6607 Datasheet HTML 1Page - AXElite technology co. ltd AX6607 Datasheet HTML 2Page - AXElite technology co. ltd AX6607 Datasheet HTML 3Page - AXElite technology co. ltd AX6607 Datasheet HTML 4Page - AXElite technology co. ltd AX6607 Datasheet HTML 5Page - AXElite technology co. ltd AX6607 Datasheet HTML 6Page - AXElite technology co. ltd AX6607 Datasheet HTML 7Page - AXElite technology co. ltd AX6607 Datasheet HTML 8Page - AXElite technology co. ltd AX6607 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4/12
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.3.3 Nov.11, 2019
AX6607
ELECTRICAL CHARACTERISTICS (VIN=5V, TA=25 ºC, unless otherwise noted)
Characteristics
Symbol
Conditions
Min Typ Max Units
Input Voltage
VIN
IOUT =30mA (Note1)
2.6
-
5.5
V
Quiescent Current
IQ
IOUT =0mA
-
50
80
μA
Shutdown Current
ISD
VIN=3.6V, IOUT =0mA, VEN=0V
-
-
1
μA
Output Voltage Accuracy
(Fixed Version Only)
ΔVOUT
VIN=VOUT+0.1V to 5.5V
VOUT≧2.5V, IOUT=1mA
-2
-
+2
%
VIN=2.6V to 5.5V
2.5V>VOUT≧1.2V, IOUT=1mA
-3
-
+3
Feedback Voltage
VFB VIN=2.6V to 5.5V, IOUT=1mA
0.784 0.8 0.816 V
FB Input Leakage Current
IFB
VFB=0.8V
-100
-
100 nA
Dropout Voltage
(Note2)
VDROP
IOUT=600mA,
1.2V≦VOUT<1.5V
-
1400 1500
mV
IOUT=600mA,
1.5V≦VOUT≦2.1V
-
1100 1200
IOUT=600mA,
2.1V<VOUT≦2.8V
-
500 600
IOUT=600mA,
2.8V<VOUT≦3.3V
-
300 500
Current Limit
ILIMIT
700
-
-
mA
Short Circuit Current
IShort Output Voltage < 0.375*VOUT
-
300
-
mA
Line Regulation
ΔVLINE VIN=2.6V to 5.5V, IOUT=1mA
-
0.2 0.5
%
Load Regulation (Note 3)
ΔVLOAD IOUT =10m~0.6A
-
0.5
1
%
Ripple Rejection
PSRR
CIN=1μF,
COUT=1μF,
IOUT =10mA
F=120Hz
-
65
-
dB
F=1KHz
-
55
-
Enable Input Threshold
VENH
1.5
-
-
V
VENL
-
-
0.4
Enable Pin Current
IENH VEN=VIN
- 0.003 0.1
μA
IENL VIN=3.6V, VEN=0V
-
0.35
1
Temperature Shutdown
TS
-
140
-
ºC
Temperature Shutdown
Hysterisis
TSH
-
30
-
ºC
Note1. Minimum VIN voltage is defined by output adds a dropout voltage.
Note2. The dropout voltage is defined as VIN-VOUT, which is measured when VOUT drop about 100mV.
Note3. Regulation is measured at constant junction temperature by using pulsed testing with a low ON time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com