Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6607 Datasheet(PDF) 7 Page - AXElite technology co. ltd

Part # AX6607
Description  600mA LDO Linear Regulator with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6607 Datasheet(HTML) 7 Page - AXElite technology co. ltd

Back Button AX6607 Datasheet HTML 3Page - AXElite technology co. ltd AX6607 Datasheet HTML 4Page - AXElite technology co. ltd AX6607 Datasheet HTML 5Page - AXElite technology co. ltd AX6607 Datasheet HTML 6Page - AXElite technology co. ltd AX6607 Datasheet HTML 7Page - AXElite technology co. ltd AX6607 Datasheet HTML 8Page - AXElite technology co. ltd AX6607 Datasheet HTML 9Page - AXElite technology co. ltd AX6607 Datasheet HTML 10Page - AXElite technology co. ltd AX6607 Datasheet HTML 11Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7/12
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.3.3 Nov.11, 2019
AX6607
Thermal Considerations
The AX6607 series can deliver a current of up to 600mA over the full operating junction
temperature range. However, the maximum output current must be dated at higher ambient
temperature to ensure the junction temperature does not exceed 125°C. With all possible
conditions, the junction temperature must be within the range specified under operating
conditions. Power dissipation can be calculated based on the output current and the voltage
drop across regulator.
PD = (VIN - VOUT) IOUT
The final operating junction temperature for any set of conditions can be estimated by
the following thermal equation:
PD (MAX) = (TJ (MAX) - TA) / θJA
Where TJ (MAX) is the maximum junction temperature of the die (125°C) and TA is the
maximum ambient temperature. The junction to ambient thermal resistance (θJA) for
TDFN-6L package at recommended minimum footprint is 120°C/W.
PCB Layout
An input capacitance of ≅ 1μF is required between the AX6607 input pin and ground
(the amount of the capacitance may be increased without limit), this capacitor must be
located a distance of not more than 1cm from the input and return to a clean analog ground.
Input capacitor can filter out the input voltage spike caused by the surge current due to the
inductive effect of the package pin and the printed circuit board’s routing wire. Otherwise, the
actual voltage at the VIN pin may exceed the absolute maximum rating. The output capacitor
also must be located a distance of not more than 1cm from output to a clean analog ground.
Because it can filter out the output spike caused by the surge current due to the inductive
effect of the package pin and the printed circuit board’s routing wire.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com