Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6607 Datasheet(PDF) 1 Page - AXElite technology co. ltd

Part # AX6607
Description  600mA LDO Linear Regulator with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6607 Datasheet(HTML) 1 Page - AXElite technology co. ltd

  AX6607 Datasheet HTML 1Page - AXElite technology co. ltd AX6607 Datasheet HTML 2Page - AXElite technology co. ltd AX6607 Datasheet HTML 3Page - AXElite technology co. ltd AX6607 Datasheet HTML 4Page - AXElite technology co. ltd AX6607 Datasheet HTML 5Page - AXElite technology co. ltd AX6607 Datasheet HTML 6Page - AXElite technology co. ltd AX6607 Datasheet HTML 7Page - AXElite technology co. ltd AX6607 Datasheet HTML 8Page - AXElite technology co. ltd AX6607 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.3.3 Nov.11, 2019
AX6607
600mA LDO Linear Regulator with Shutdown
GENERAL DESCRIPTION
The AX6607 is a low dropout, positive linear regulator with very low quiescent. It can
supply 600mA output current. The BP pin with a 10nF bypass capacitor can help reduce the
output noise level. The characteristics of low dropout voltage and less quiescent current
make it good for some critical current application, for example, some battery powered
devices. The typical quiescent current is approximately 50μA. In the shutdown mode, the
maximum supply current is less than 2μA. The AX6607 regulator is able to operate with
output capacitors as small as 1μF for stability. The AX6607 series are offering several fixed
output voltage types including 1.2V, 1.5V, 1.8V, 2.5V, 2.6V, 2.7V, 2.8V, 3.0V, 3.3V and
adjustable version. Built-in current-limit and thermal-shutdown functions prevent any fault
condition from IC damage.
FEATURES
- Input voltage range : 2.6V~5.5V
- Adjustable and 1.2/1.5/1.8/2.5/2.6/2.7/2.8/3.0/3.3V fixed output voltages
- VOUT adjust range from VFB to 5.0V
- Guaranteed 600mA output current
- Very Low quiescent current at 50μA (typ.)
- Needs Only 1μF capacitor for Stability
- Maximum supply current in shutdown mode <2μA
- Current limit and thermal shutdown protection
- Short circuit current fold-back
- Available in the SOT-23-5L and TDFN-6L Pb-Free Packages
- RoHS and Halogen free compliance.
BLOCK DIAGRAM
Current
Limit
- +
VIN
VOUT
GND
Error
Amp
Bandgap
Thermal
Shutdown
Enable
BP
EN
NC
Cu r r en t
Limit
- +
VIN
VOUT
GND
Error
Amp
Bandgap
Thermal
Shutdown
Enable
FB
EN
Fixed Version
Adjustable Version


Similar Part No. - AX6607

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX6601 AXELITE-AX6601 Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
AX6601-15F AXELITE-AX6601-15F Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
AX6601-15FA AXELITE-AX6601-15FA Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
AX6601-15R AXELITE-AX6601-15R Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
AX6601-15RA AXELITE-AX6601-15RA Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
More results

Similar Description - AX6607

ManufacturerPart #DatasheetDescription
logo
Rohm
BA00BC0WF ROHM-BA00BC0WF Datasheet
126Kb / 2P
LDO Regulator With Shutdown Circuit
logo
Advanced Power Electron...
APE8805A A-POWER-APE8805A Datasheet
272Kb / 7P
600mA Low Dropout Linear Regulator with Shutdown
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111 Datasheet
62Kb / 2P
600mA CMOS LDO REGULATOR WITH ENABLE
logo
Advanced Power Electron...
APE8805A A-POWER-APE8805A_10 Datasheet
377Kb / 7P
600mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111_12 Datasheet
820Kb / 22P
600mA CMOS LDO REGULATOR WITH ENABLE
logo
Orister Corporation
RS7300 ORISTER-RS7300 Datasheet
720Kb / 11P
600mA Adjustable & Fixed Voltage LDO Linear Regulator
logo
Advanced Power Electron...
APE8805A A-POWER-APE8805A_14 Datasheet
377Kb / 7P
600mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119_12 Datasheet
188Kb / 6P
600mA Super LDO Linear Regulator
logo
Fitipower Integrated Te...
FP6134 FITIPOWER-FP6134 Datasheet
444Kb / 8P
600mA Low Dropout Linear Regulator with Shutdown
FP6166 FITIPOWER-FP6166 Datasheet
697Kb / 11P
600mA Low Noise High PSRR LDO with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com