Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6607 Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX6607
Description  600mA LDO Linear Regulator with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6607 Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX6607 Datasheet HTML 1Page - AXElite technology co. ltd AX6607 Datasheet HTML 2Page - AXElite technology co. ltd AX6607 Datasheet HTML 3Page - AXElite technology co. ltd AX6607 Datasheet HTML 4Page - AXElite technology co. ltd AX6607 Datasheet HTML 5Page - AXElite technology co. ltd AX6607 Datasheet HTML 6Page - AXElite technology co. ltd AX6607 Datasheet HTML 7Page - AXElite technology co. ltd AX6607 Datasheet HTML 8Page - AXElite technology co. ltd AX6607 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2/12
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.3.3 Nov.11, 2019
AX6607
PIN ASSIGNMENT
The packages of AX6607 are SOT-23-5L and TDFN-6L; the pin assignment is given by:
ORDER/MARKING INFORMATION
Order Information
AX6607- XX XX X
Output voltage Package
Packing
Blank: Bag
A : Taping
15 : 1.5V
18 : 1.8V
33 : 3.3V
25 : 2.5V
28 : 2.8V
30 : 3.0V
26 : 2.6V
27 : 2.7V
Blank : ADJ
Z6 : TDFN-6L (2*2)
B : SOT-23-5L
12 : 1.2V
Top Marking (SOT-23-5L)
Top Marking (TDFN-6L)
L
Identification code
WW:01~26(A~Z
27~52(a~z)
ID code: internal
)
LY W X
Year: 8=2018
9=2019
B=2020
C=2021
D=2022
:
Z=2044
L L
Y W X
Refer Identification Code
Output type
Week: 01~26(A~Z)
27~52(a~z)
ID Code: Internal
Year: 8=2018
9=2019
B=2020
C=2021
D=2022
:
Z=2044
(Top View)
SOT-23-5L
3
2
5
4
1
VIN
GND
EN
BP (FB)
VOUT
Adjustable Version: Pin 4 is FB
Fixed Version: Pin 4 is BP
Name
Description
VIN
Voltage input. The input capacitor
in the range of 1μF to 10μF is
sufficient.
GND
Ground
EN
Enable pin (Active High)
BP
Reference Noise Bypass (The
Bypass capacitor ≧1nF)
VOUT
Output Voltage, The AX6607 is
stable with an output capacitor 1μF
for greater.
FB/NC
For adjustable output voltage
version only, the pin connects two
resistances to decide output
voltage. When use fixed output
voltage version, this pin is NC pin.
TDFN-6L (2*2)
EN
VOUT
FB/NC
1
2
3
4
5
6
BP
GND
VIN
(TOP VIEW)
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com