Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6607 Datasheet(PDF) 8 Page - AXElite technology co. ltd

Part # AX6607
Description  600mA LDO Linear Regulator with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6607 Datasheet(HTML) 8 Page - AXElite technology co. ltd

Back Button AX6607 Datasheet HTML 4Page - AXElite technology co. ltd AX6607 Datasheet HTML 5Page - AXElite technology co. ltd AX6607 Datasheet HTML 6Page - AXElite technology co. ltd AX6607 Datasheet HTML 7Page - AXElite technology co. ltd AX6607 Datasheet HTML 8Page - AXElite technology co. ltd AX6607 Datasheet HTML 9Page - AXElite technology co. ltd AX6607 Datasheet HTML 10Page - AXElite technology co. ltd AX6607 Datasheet HTML 11Page - AXElite technology co. ltd AX6607 Datasheet HTML 12Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8/12
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.3.3 Nov.11, 2019
AX6607
TYPICAL CHARACTERISTICS
1.180
1.184
1.188
1.192
1.196
1.200
1.204
1.208
1.212
1.216
1.220
2.5
3
3.5
4
4.5
5
5.5
VIN VS. VOUT
VIN (V)
IOUT=10mA
1.170
1.175
1.180
1.185
1.190
1.195
1.200
1.205
1.210
1.215
1.220
1.225
1.230
0
0.1
0.2
0.3
0.4
0.5
0.6
IOUT VS. VOUT
IOUT (A)
VIN=3.3V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.1
0.2
0.3
0.4
0.5
0.6
IOUT VS Dropout Voltage
IOUT (A)
VOUT=1.2V
VOUT=1.5V
VOUT=2.5V
VOUT=3.3V
VOUT=1.8V
VOUT=5.0V
Temperature VS. VFB
0.750
0.760
0.770
0.780
0.790
0.800
0.810
0.820
0.830
-40 -20 0
25 50 75 100 125
Temperature (℃)
Power ON
Load Transient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com