Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72682 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST72682
Description  USB 2.0 high-speed Flash drive controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72682 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST72682 Datasheet HTML 3Page - STMicroelectronics ST72682 Datasheet HTML 4Page - STMicroelectronics ST72682 Datasheet HTML 5Page - STMicroelectronics ST72682 Datasheet HTML 6Page - STMicroelectronics ST72682 Datasheet HTML 7Page - STMicroelectronics ST72682 Datasheet HTML 8Page - STMicroelectronics ST72682 Datasheet HTML 9Page - STMicroelectronics ST72682 Datasheet HTML 10Page - STMicroelectronics ST72682 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
ST72682
Pin description
7/36
2
Pin description
Figure 2 shows the LQPF64 package pinout, while Table 2, Table 3, Table 4, Table 5, and
Table 6 give the pin description.
The legend and abbreviations used in these tables are the following:
●
Type
–
I = input
–
O = output
–
S = supply
●
Input level: A = Dedicated analog input
●
In/Output level
–CT = CMOS 0.3VDD/0.7VDD with input trigger
–TT= TTL 0.8V / 2V with Schmitt trigger
●
Output level
–
D8 = 8mA drive
–
D4 = 4mA drive
–
D2 = 2mA drive
Figure 2.
64-pin LQFP package pinout
1.
Must remain NOT connected in the application.
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
17 18 19 20 21 22 23 24
29 30 31 32
25 26 27 28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VDDA
OSCIN
OSCOUT
VSSA
RREF
VSSC
VDDC
VDD3
USBDP
USBDM
VSSBL
VDDBL
NAND D[13]
NAND D[12]
NAND D[11]
NAND D[10]
VDD33_2
NC(1)
NC(1)
RESET
NC(1)
NC(1)
NC(1)
LED2
LED1
PE4
NAND ALE
VSS_3
NAND WP
READ ONLY
NC(1)
VSS_2
ST72682



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com