Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72682 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST72682
Description  USB 2.0 high-speed Flash drive controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72682 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST72682 Datasheet HTML 17Page - STMicroelectronics ST72682 Datasheet HTML 18Page - STMicroelectronics ST72682 Datasheet HTML 19Page - STMicroelectronics ST72682 Datasheet HTML 20Page - STMicroelectronics ST72682 Datasheet HTML 21Page - STMicroelectronics ST72682 Datasheet HTML 22Page - STMicroelectronics ST72682 Datasheet HTML 23Page - STMicroelectronics ST72682 Datasheet HTML 24Page - STMicroelectronics ST72682 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
ST72682
Electrical characteristics
21/36
7.3
Operating conditions
Figure 6.
Clock frequency versus supply voltage
7.4
Supply current characteristics
Table 10.
Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
−65 to +150
°C
TJMAX
Maximum junction temperature
120
°C
Table 11.
General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VDD33
Power Supply
3.0
3.6
V
TA
Ambient temperature range
0
70
°C
fCPU [MHz]
SUPPLY VOLTAGE [VDD33]
30
6
3
0
2.0
2.5
3.0
3.3
FUNCTIONALITY
FUNCTIONALITY
GUARANTEED
IN THIS AREA
T GUARANTEED
IN THIS AREA
3.6
2.7
15
Table 12.
RUN and SUSPEND modes current
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDD
Supply current in RUN mode
fOSC=12MHz
15
25
35
mA
Supply current in SUSPEND mode
VDD33=3.3V, TA=+25°C
60
90
190
µA
Table 13.
Supply and Clock managers current
Symbol
Parameter
Conditions
Typ(1)
1.
Typical data are based on TA=25 °C and fCPU=12 MHz.
Max(2)
2.
Data based on characterization results, not tested in production.
Unit
IDD(CK) Supply current of crystal oscillator
(3)
3.
Data based on characterization results done with the external components specified in Section 7.5.1, not
tested in production.
1000
2000
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com